Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3706 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS3706
Description  Dual Output Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3706 Datasheet(HTML) 3 Page - ON Semiconductor

  CS3706 Datasheet HTML 1Page - ON Semiconductor CS3706 Datasheet HTML 2Page - ON Semiconductor CS3706 Datasheet HTML 3Page - ON Semiconductor CS3706 Datasheet HTML 4Page - ON Semiconductor CS3706 Datasheet HTML 5Page - ON Semiconductor CS3706 Datasheet HTML 6Page - ON Semiconductor CS3706 Datasheet HTML 7Page - ON Semiconductor CS3706 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Switching Characteristics: (VIN = VCC = 20V, TA = 25˚C. Delays measured 50% in to 50% out.)
PARAMETER
TEST CONDITIONS
OUTPUT CL =
UNIT
From Inv. Input to Output:
open
1.0
2.2
nF
Rise Time Delay
110
130
140
ns
10% to 90% Rise
20
40
60
ns
Fall Time Delay
80
90
110
ns
90% to 10% Fall
25
30
50
ns
From N.I. Input to Output:
Rise Time Delay
120
130
140
ns
10% to 90% Rise
20
40
60
ns
Fall Time Delay
100
120
130
ns
90% to 10% Fall
25
30
50
ns
VC Cross-Conduction
Output Rise
25
ns
Current Spike Duration
Output Fall
0
ns
Inhibit Delay
Inhibit Ref. = 1V
Inhibit = 0.5 to 1.5V
250
ns
Analog Shutdown Delay
Stop (+) Ref. = 0
Stop (-) Input = 0 to 0.5V
180
ns
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
16L PDIP
(Internally Fused Leads)
1
INHIBIT B
Control pin for deadband control on Channel B.
2
INV
Inverting input for output drivers.
3
NONINV
Noninverting input for output drivers.
4
Gnd
Ground.
5
Gnd
Ground.
6VOUT(A)
Channel A output.
7
F/F ENABLE
Controls the phase of the two outputs.
F/F ENABLE = Gnd
Out of phase.
F/F ENABLE = floating In phase.
8VCC
Supply voltage (5V to 40V) for output drivers.
9
STOP -
Inverting input for stop latch comparator.
10
STOP +
Noninverting input for stop latch comparator.
11
VOUT(B)
Channel B output.
12
Gnd
Ground.
13
Gnd
Ground.
14
VIN
Supply voltage (5V to 40V) for IC (except output driver).
15
INHIBIT REF
Reference input for deadband control.
16
INHIBIT A
Control pin for deadband control on channel A.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com