Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5132 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CS5132
Description  Dual Output CPU Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5132 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CS5132 Datasheet HTML 7Page - ON Semiconductor CS5132 Datasheet HTML 8Page - ON Semiconductor CS5132 Datasheet HTML 9Page - ON Semiconductor CS5132 Datasheet HTML 10Page - ON Semiconductor CS5132 Datasheet HTML 11Page - ON Semiconductor CS5132 Datasheet HTML 12Page - ON Semiconductor CS5132 Datasheet HTML 13Page - ON Semiconductor CS5132 Datasheet HTML 14Page - ON Semiconductor CS5132 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Step 1: Define Specification
Input Voltage from “silver box” power supply
• 5V ±5% for conversion to output voltage
• 12V ±5% for NFET Gate Voltage and circuit bias
Output Voltages
• 2.0V @ 16A for VCC(CORE)
• 3.3V@ 8A for VI/O
• 5% Overall Voltage accuracy (load, line, temperature,
ripple)
• 2% DC & 5% AC Voltage Accuracy
• < 2% Output Ripple Voltage
• 15A Load Step @ 20A /µs - VCC(CORE)
• 7A Load Step @ 5A/µs - VI/O
Thermal Management
• 0 to 50° C ambient temperature range
• Component junction temperatures within manufactur-
er’s specified ratings at full load & TA(MAX)
Components
• Low cost is top priority.
• Surface mount when possible
• Small footprint important
• Component Ratings determined at 80% of Maximum
Load
Step 2: Determine Output Capacitors
These components must be selected and placed carefully to
yield optimal results. Capacitors should be chosen to pro-
vide acceptable ripple on the regulator output voltage. Key
specifications for input capacitors are their ripple rating,
while ESR is important for output capacitors. For best tran-
sient response, a combination of low value/high frequency
and bulk capacitors placed close to the load will be
required.
Step 2a: For the 2V Output (VCC(CORE))
The load transients have slew rates of up to 20A /µs, while
the voltage drop during a transient must be kept to less
than 100mV. The output capacitors must hold the output
voltage within these limits since the inductor current can
not change with the required slew rate. The output capaci-
tors must therefore have a very low ESL and ESR.
The voltage transient during the load step is
∆V
OUT = ∆IOUT ×
( +ESR+ )
,
where tTR = output voltage transient response time.
The total change in output voltage is divided as follows:
ESR - 80mV
ESL - 10mV
Output Capacitor Discharge During Transient - 10mV
Maximum allowable ESR is:
ESR =
= 5.3m
Ω.
The ESR for a 1200µF/10V Sanyo capacitor type GX is
44m
Ω per capacitor.
Number of Capacitors =
≅ 8.
Total ESR =
= 5.5m
Ω.
Output voltage deviation due to ESR:
∆V = 15A × 5.5mΩ = 82mV.
The ESL is calculated from
=
,
ESL =
=
= 0.5nH.
It is estimated that a 10
× 12 mm Aluminum Electrolytic
capacitor has approximately 4nH of package inductance. In
this case we have eight (8) capacitors in parallel for a total
capacitor ESL:
ESL =
= 0.5nH.
Output voltage deviation due to ESL:
∆V =
=
= 10mV.
The change in capacitor voltage during the transient is:
∆V
C =,
where tTR is the output voltage transient response time. We
choose tTR = 6µs:
∆V
C =
= 9mV.
Total change in output voltage as a result of an increase in
load current of a 15A step with a 20A/µs slew rate is:
∆V
OUT = ( 82mV + 10mV + 9mV ) = 101mV.
Step 2b: For the 3.3V Output (VI/O)
The VI/O load transients have slew rates of 5A/µs, while
the voltage drop during a transient must be kept to less
15A
× 6µs
8
× 1200µF
∆I × t
TR
COUT
0.5nH
× 20A
1µs
ESL
× ∆I
∆t
4nΗ
8
0.01V
× 1 × 10−6
20
∆V × ∆t
∆I
20A
µs
∆I
∆t
44
8
44
5.3
0.08V
15A
tTR
COUT
ESL
∆t
CS5132-based Dual Output
Buck Regulator Design Example
Application Information: continued
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com