Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL15 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SL15
Description  TVSarray Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SL15 Datasheet(HTML) 2 Page - Microsemi Corporation

  SL15 Datasheet HTML 1Page - Microsemi Corporation SL15 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MSC1377.PDF
ISO 9001 CERTIFIED
REV C 1/27/2000
SL03 thru SL24
WAVE FORMS
MOUNTING PAD SOT23
CIRCUIT DIAGRAM
0
10
20
30
0
50
100
t -- Time in microsec
Peak Value -- Ipp
Half-Value --
Ipp
2
8 X 20 Waveform
t
td
PACKAGE OUTLINE
FIGURE 2
Pulse Wave Form
FIGURE 1
Peak Pulse Power Vs Pulse Time
100ns
1µs
10µs
100µs
1ms
10ms
td – PULSE TIME - SEC
100
10
1.0
.10
8/20 µs 300 W pulse



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com