Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-W28SF005-36 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-W28SF005-36
Description  WR-28 Flexible Straight Waveguide Section 36 Inch Length with UG-599 - U Flange Operating from 26.5 GHz to 40 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W28SF005-36 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-W28SF005-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W28SF005-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W28SF005-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W28SF005-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
The PE-W28SF005-36 is part of Pasternack’s family of flexible, seamless waveguides which operates in the 26.5 to 40 GHz
range. The waveguide body is made of silver plated brass. It can be bent in both the E and H planes without impairing VSWR
or attenuation. The waveguide is covered by a neoprene jacket which protects the waveguide and provides mechanical sup-
port.
Features
•
WR-28 waveguide
•
Flexes in both the E and H plane
•
26.5 GHz to 40 GHz Frequency Range
•
Brass flanges with a silver plated brass body
•
Neoprene sleeve provides added protection and me-
chanical support
Applications
•
Allows expansion/contraction
due to thermal issues.
• Test Benches
•
Microwave Radio
•
Eliminates installation problems
caused by misalignment.
•
Pressurized waveguide systems
•
Provides vibration isolation
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
26.5
40
GHz
VSWR
1.2:1
Insertion Loss
1.47
dB
.
Mechanical Specifications
Waveguide Size
WR-28
Waveguide Design
Flexible
Section Length
36 in [914.4 mm]
E-Plane Minimum Bend Radius, One Time
0.39 in [9.91 mm]
H-Plane Minimum Bend Radius, One Time
0.59 in [14.99 mm]
Maximum Operating Pressure
45 psig
Description
Flange 1
Waveguide
Flange 2
Interface
UG-599/U
WR-28
UG-599/U
Material
Brass
Copper
Brass
Plating
Silver
Color
Gold
Black
Gold
...
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-28 Flexible Straight Waveguide Section 36 Inch Length with UG-599/U Flange Operating
from 26.5 GHz to 40 GHz PE-W28SF005-36
PE-W28SF005-36 REV 1.0
PE-W28SF005-36
WR-28 Flexible Straight Waveguide Section 36 Inch Length
with UG-599/U Flange Operating from 26.5 GHz to 40 GHz


Similar Part No. - PE-W28SF005-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W28SF005-36 PASTERNACK-PE-W28SF005-36 Datasheet
551Kb / 4P
WR-28 Seamless Flexible Waveguide
PE-W28SF005-36 PASTERNACK-PE-W28SF005-36_V01 Datasheet
551Kb / 4P
WR-28 Seamless Flexible Waveguide
More results

Similar Description - PE-W28SF005-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W28S001-3 PASTERNACK-PE-W28S001-3 Datasheet
417Kb / 4P
WR-28 Instrumentation Grade Straight Waveguide Section 3 Inch Length with 599 - U Flange Operating from 26.5 GHz to 40 GHz
PE-W28S001-6 PASTERNACK-PE-W28S001-6 Datasheet
560Kb / 4P
WR-28 Instrumentation Grade Straight Waveguide Section 6 Inch Length with 599 - U Flange Operating from 26.5 GHz to 40 GHz
PE-W28S001-9 PASTERNACK-PE-W28S001-9 Datasheet
561Kb / 4P
WR-28 Instrumentation Grade Straight Waveguide Section 9 Inch Length with 599 - U Flange Operating from 26.5 GHz to 40 GHz
PE-W28S001-12 PASTERNACK-PE-W28S001-12 Datasheet
415Kb / 4P
WR-28 Instrumentation Grade Straight Waveguide Section 12 Inch Length with 599 - U Flange Operating from 26.5 GHz to 40 GHz
PE-W28SF005-12 PASTERNACK-PE-W28SF005-12 Datasheet
395Kb / 4P
WR-28 Flexible Straight Waveguide Section 12 Inch Length with UG-599 - U Flange Operating from 26.5 GHz to 40 GHz
PE-W28TF005-12 PASTERNACK-PE-W28TF005-12 Datasheet
398Kb / 4P
WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
PE-W28TF005-24 PASTERNACK-PE-W28TF005-24 Datasheet
393Kb / 4P
WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
PE-W28TF005-36 PASTERNACK-PE-W28TF005-36 Datasheet
394Kb / 4P
WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
PE-W42SF005-36 PASTERNACK-PE-W42SF005-36 Datasheet
395Kb / 4P
WR-42 Flexible Straight Waveguide Section 36 Inch Length with UG-595 - U Flange Operating from 18 GHz to 26.5 GHz
PE-W28SF005-24 PASTERNACK-PE-W28SF005-24 Datasheet
392Kb / 4P
WR-28 Seamless Flexible Waveguide, UG-599/U Square Cover Flange Operating From 26.5 GHz to 40 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com