Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAJ5913B Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SMAJ5913B
Description  SILICON 3.0 WATT ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMAJ5913B Datasheet(HTML) 2 Page - Microsemi Corporation

  SMAJ5913B Datasheet HTML 1Page - Microsemi Corporation SMAJ5913B Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZENER
TEST
DYNAMIC
KNEE
KNEE
REVERSE
REVERSE
MAX.DC
TYPE
VOLTAGE
CURRENT
IMPEDANCE
CURRENT
IMPEDANCE
CURRENT
VOLTAGE
CURRENT
NUMBER
V2
IZT
ZZT
IZK
ZZK
IR(MAX.)
VR
IZM
VOLTS
mA
Ω
mA
Ω
µAdc
VOLTS
mA
SMAJ5913
3.3
113.6
10
1.0
500
100
1.0
908
SMAJ5914
3.6
104.2
9.0
1.0
500
75
1.0
832
SMAJ5915
3.9
96.1
7.5
1.0
500
25
1.0
768
SMAJ5916
4.3
87.2
6.0
1.0
500
5.0
1.0
696
SMAJ5917
4.7
79.8
5.0
1.0
500
5.0
1.5
638
SMAJ5918
5.1
73.5
4.0
1.0
350
5.0
2.0
588
SMAJ5919
5.6
66.9
2.0
1.0
250
5.0
3.0
534
SMAJ5920
6.2
60.5
2.0
1.0
200
5.0
4.0
482
SMAJ5921
6.8
55.1
2.5
1.0
200
5.0
5.2
440
SMAJ5922
7.5
50
3.0
0.5
400
5.0
6.0
400
SMAJ5923
8.2
45.7
3.5
0.5
400
5.0
6.5
364
SMAJ5924
9.1
41.2
4.0
0.5
500
5.0
7.0
328
SMAJ5925
10
37.5
4.5
0.25
500
5.0
8.0
300
SMAJ5926
11
34.1
5.5
0.25
550
1.0
8.4
272
SMAJ5927
12
31.2
6.5
0.25
550
1.0
9.1
250
SMAJ5928
13
28.8
7.0
0.25
550
1.0
9.9
230
SMAJ5929
15
25
9.0
0.25
600
1.0
11.4
200
SMAJ5930
16
23.4
10
0.25
600
1.0
12.2
186
SMAJ5931
18
20.8
12
0.25
650
1.0
13.7
166
SMAJ5932
20
18.7
14
0.25
650
1.0
15.2
150
SMAJ5933
22
17
17.5
0.25
650
1.0
16.7
156
SMAJ5934
24
15.6
19
0.25
700
1.0
18.2
124
SMAJ5935
27
13.9
23
0.25
700
1.0
20.6
110
SMAJ5936
30
12.5
28
0.25
750
1.0
22.8
100
SMAJ5937
33
11.4
33
0.25
800
1.0
25.1
90
SMAJ5938
36
10.4
38
0.25
850
1.0
27.4
82
SMAJ5939
39
9.6
45
0.25
900
1.0
29.7
76
SMAJ5940
43
8.7
53
0.25
950
1.0
32.7
68
SMAJ5941
47
8.0
67
0.25
1000
1.0
35.8
62
SMAJ5942
51
7.3
70
0.25
1100
1.0
38.8
58
SMAJ5943
56
6.7
86
0.25
1300
1.0
42.6
52
SMAJ5944
62
6.0
100
0.25
1500
1.0
47.1
48
SMAJ5945
68
5.5
120
0.25
1700
1.0
51.2
44
SMAJ5946
75
5.0
140
0.25
2000
1.0
56
40
SMAJ5947
82
4.6
160
0.25
2500
1.0
62.2
36
SMAJ5948
91
4.1
200
0.25
3000
1.0
69.2
32
SMAJ5949
100
3.7
250
0.25
3100
1.0
76
30
SMAJ5950
110
3.4
300
0.25
4000
1.0
83.6
26
SMAJ5951
120
3.1
380
0.25
4500
1.0
91.2
24
SMAJ5952
130
2.9
450
0.25
5000
1.0
98.8
22
SMAJ5953
150
2.5
600
0.25
6000
1.0
114
20
SMAJ5954
160
2.3
700
0.25
6500
1.0
121.6
18
SMAJ5955
180
2.1
900
0.25
7000
1.0
136.8
16
SMAJ5956
200
1.9
1200
0.25
8000
1.0
152
14
Electrical Characteristics @ 25°C
Notes:
1. No suffix indicates a ±20% tolerance on nominal VZ. Suffix A denotes a ±10% tolerance, B denotes a ±5% tolerance, C denotes a ±2% tolerance, and
D denotes a ±1% tolerance.
2. Zener voltage (VZ) is measured at TL = 30°C. Voltage measurement to be performed 90 seconds after application of dc current.
3. The zener impedance is derived from the 60 Hz ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener
current (IZT or IZK) is superimposed on IZT or IZK.
SQUARE WAVE PULSE WIDTH (NON-REPETITIVE) IN MS
1
2
3
4
50
25
75
100
125
150
175
200
1.0
10.0
100
1000
0.10
.01
1.0
10
100
1000
TL, LEAD TEMPERATURE 3/8" FROM BODY
FIGURE 1.
POWER DERATING CURVE
FIGURE 2.
TRANSIENT SURGE CAPABILITY
SMAJ5913-56



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com