Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJSAC50 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SMBJSAC50
Description  500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMBJSAC50 Datasheet(HTML) 1 Page - Microsemi Corporation

  SMBJSAC50 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet: MSC0906.PDF
ISO 9001 CERTIFIED
REV C 8/28/98
8700 E. Thomas Road
Scottsdale, AZ 85251
Tel: (480) 941-6300
Fax: (480) 947-1503
Description
SMBJ surface mount package is utilized where power and space is a requirement. Designed for effective
protection of low voltage power bus lines and data lines from voltage spikes originating from ESD, line
noise (EFT), and induced lighting defined by IEC 1000-4-2, 1000-4-4, and 1000-4-5 respectively.
Advanced technology provides lowest clamping voltage with surface mount packaging minimizing parasitic
inductance.
Features
• 500 watts Peak Pulse Power 10/1000 µs
• For surface Mount Applications (flat handling surface for accurate placement).
• Voltage and reverse leakage lowest available
• Low capacitance
• UL 94V-0 Flammability Classification
Mechanical Characteristics
• CASE: DO-214AA (SMBJ) outline
• Terminals solderable per MIL-STD-750, Method 2026
• Maximum temperature for soldering: 260°C for 10 seconds maximum
• LEAD MATERIAL: Copper
• LEAD FINISH: Tin lead plate (S
N95/P65)
• POLARITY: Band indicates TVS cathode
• WEIGHT: 0.2 grams
• MOUNTING POSITION: Any
Maximum Ratings
• Operating Temperature: -55°C to +150°C
• Storage Temperature: -55°C to +150°C
• Steady state Power Dissipation: 3.0 watt @ T
L
≤75°C
• Repetition rate (duty cycle): .01%
• Surge Power: 300 watts @ 10/1000 µs or 2000 watts @ 8/20
Electrical Characteristics @ 25
°C unless otherwise specified
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE
(NOTE 1)
VWM
VOLTS
BREAKDOWN
VOLTAGE
@ IT-1.0 Ma
V(BR)
VOLTS
min.
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
µA
MAXIMUM
CLAMPING
VOLTAGE
Ip=5.0A
VC
VOLTS
MAXIMUM
PEAK PLUSE
CURRENT
RATING
IPP
Amps
CAPACITANCE
@ 0 VOLTS
pF
WORKING
INVERSE
BLOCKING
VOLTAGE
VWIB
VOLTS
INVERSE
BLOCKING
LEAKAGE
CURRENT
@VWIB
IIB Ma
PEAK
INVERSE
BLOCKING
VOLTAGE
VPIB
VOLTS
SMBJSAC5.0
5.0
7.6
300
10.0
44
50
75
1
100
SMBJSAC5.0
500 WATT LOW CAPACITANCE
TRANSIENT VOLTAGE SUPPRESSOR


Similar Part No. - SMBJSAC50

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
SMBJS1CA TECHPUBLIC-SMBJS1CA Datasheet
2Mb / 6P
Surface Mount Transient Voltage Suppressors
SMBJS4CA TECHPUBLIC-SMBJS4CA Datasheet
2Mb / 6P
Surface Mount Transient Voltage Suppressors
SMBJSBA TECHPUBLIC-SMBJSBA Datasheet
2Mb / 6P
Surface Mount Transient Voltage Suppressors
SMBJSBCA TECHPUBLIC-SMBJSBCA Datasheet
2Mb / 6P
Surface Mount Transient Voltage Suppressors
SMBJSOA TECHPUBLIC-SMBJSOA Datasheet
2Mb / 6P
Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMBJSAC50

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM03 MCC-SM03 Datasheet
416Kb / 2P
Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
TGL41-6.8 MICROSEMI-TGL41-6.8 Datasheet
189Kb / 4P
500 Watt Transient Voltage Suppressor
TGL41-10CA MICROSEMI-TGL41-10CA Datasheet
197Kb / 4P
500 Watt Transient Voltage Suppressor
HSMBJSAC5.0 MICROSEMI-HSMBJSAC5.0 Datasheet
271Kb / 3P
500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SAC5.0 SUNMATE-SAC5.0 Datasheet
157Kb / 2P
500 Watts Axial Leaded Low Capacitance Transient Voltage Suppressor
logo
Microsemi Corporation
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
1500 Watt Low Capacitance Transient Voltage Suppressor
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com