Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5170AV Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5170AV
Description  PLL Synthesizer IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5170AV Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5170AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5170AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5170AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5170AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5170AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5170AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5170AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5170AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5170AV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SM5170AV
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
PLL Synthesizer IC
OVERVIEW
The SM5170AV is a PLL synthesizer IC developed
for application in pagers. It incorporates indepen-
dently-controlled reference frequency and FIN input
frequency dividers, and operates from a low-voltage
supply to realize low power dissipation. It features a
charge pump that operates at 3 V, making possible a
wide range of VCO designs.
FEATURES
s
Supply voltages
•VDD1 = 0.95 to 1.2 V
(prescaler, counters)
•VDD2 = 2.0 to 3.3 V (charge pump)
s
FIN input frequency
•fFIN = 300 MHz (VDD1 = 0.95 V)
•fFIN = 330 MHz (VDD1 = 1.0 V)
s
Reference frequency
•fXIN = 25 MHz (VDD1 = 0.95 V)
s
20 to 262140 reference frequency divider ratio
range (with 1/4 prescaler built-in)
s
1056 to 131071 FIN input frequency divider ratio
range
s
−10 to 60 °C operating temperature range
s
16-pin VSOP
PINOUT
(Top view)
ORDERING INFORMATION
D e vice
P a ck ag e
SM5170AV
16-pin VSOP
1
9
16
8
XIN
XOUT
VDD2
DB
DO
VSS
FIN
TEST
NC
OPR
LE
DATA
CLK
LD
VDD1
NC


Similar Part No. - SM5170AV

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM5172 SAMHOP-SM5172 Datasheet
52Kb / 12P
3 RF ENCODER
SM5172 SAMHOP-SM5172 Datasheet
60Kb / 12P
RF remote control encoder paired with SM5172.
SM5172S SAMHOP-SM5172S Datasheet
52Kb / 12P
3 RF ENCODER
More results

Similar Description - SM5170AV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5142AP NPC-SM5142AP Datasheet
171Kb / 6P
Frequency Synthesizer PLL IC
SM5165AV NPC-SM5165AV Datasheet
89Kb / 10P
PLL Synthesizer IC
SM5166AV NPC-SM5166AV Datasheet
91Kb / 11P
PLL Synthesizer IC
logo
New Japan Radio
NJW1504 NJRC-NJW1504 Datasheet
135Kb / 10P
PLL Synthesizer with IC Bus for TV Tuner
logo
List of Unclassifed Man...
FS8308 ETC1-FS8308 Datasheet
289Kb / 15P
Low Power PLL Frequency Synthesizer IC
logo
Hitachi Semiconductor
HD61945MP HITACHI-HD61945MP Datasheet
567Kb / 9P
PLL SYNTHESIZER IC
logo
Nippon Precision Circui...
SM5168 NPC-SM5168 Datasheet
85Kb / 9P
PLL Synthesizer IC
logo
Princeton Technology Co...
FS8308 PTC-FS8308 Datasheet
343Kb / 15P
Low Power PLL Frequency Synthesizer IC
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
logo
Advanced Semiconductor ...
APL0135 ASB-APL0135_13 Datasheet
205Kb / 2P
PLL Synthesizer Module
June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com