Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG1844F/DESC Datasheet(PDF) 8 Page - Microsemi Corporation

Part # SG1844F/DESC
Description  CURRENT MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1844F/DESC Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button SG1844F/DESC Datasheet HTML 4Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 5Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 6Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 7Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 8Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 9Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 10Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 11Page - Microsemi Corporation SG1844F/DESC Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
C URRENT -M ODE PWM C ONTROLLER
SG1844/SG1845 Series
PRODUCT DA T ABOOK 1996/1997
Copyright © 2000
Rev. 1.4
4/00
8
P RODUCTION D ATA S HEET
CHARACTERISTIC CUR V E S
FIGURE 6. — START-UP VOLTAGE THRESHOLD vs.
TEMPERATURE
FIGURE 7. — START-UP VOLTAGE THRESHOLD vs.
TEMPERATURE
FIGURE 8. — OSCILLATOR DISCHARGE CURRENT vs.
TEMPERATURE
FIGURE 5. — REFERENCE VOLTAGE vs. TEMPERATURE
Junction Temperature - (°C)
8.18
-75
-50
-25
0
255075
100
125
SG1845
8.22
8.26
8.30
8.32
8.20
8.24
8.28
Junction Temperature - (°C)
4.98
-75
-50
-25
0
255075
100
125
V
CC = 15V
4.99
5.00
5.01
5.02
Junction Temperature - (°C)
16.00
-75
-50
-25
0
255075
100
125
SG1844
16.02
16.04
16.06
16.08
15.98
Junction Temperature - (°C)
7.4
-75
-50
-25
0
255075
100
125
7.6
7.8
8.0
8.2
7.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com