Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDA05 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SMDA05
Description  TVSarray Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMDA05 Datasheet(HTML) 2 Page - Microsemi Corporation

  SMDA05 Datasheet HTML 1Page - Microsemi Corporation SMDA05 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MSC0330A.PDF
ISO 9001 CERTIFIED
REV N 7/06/2000
SMDA/B03 thru SMDA/B24C
NOTE: Transient Voltage Suppression (TVS) product is normally selected based on its stand off Voltage VWM. Product
selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected.
WAVE FORMS
FIGURE 1
FIGURE 2
Peak Pulse Power Vs Pulse Time
Pulse Wave Form
MOUNTING PAD SO-8
CIRCUIT DIAGRAM
SO-8 PACKAGE
0
10
20
30
0
50
100
t -- Time in microsec
Ip
p -
-
Pe
ak
Pu
lse
Cu
rre
nt
--
%
Ip
Peak Value -- Ipp
Half-Value --
Ipp
2
8 X 20 Waveform
t
t
d
0.245
MIN
0.045±.005
.160±.005
.050 TYP
.030±.005
INCHES
MILLIMETERS
MAX
MIN
DIM
MAX
MIN
0.197
A
0.188
4.77
5.00
0.158
0.150
3.81
4.01
0.069
0.053
1.35
1.75
0.021
0.011
0.28
0.53
0.050
0.016
0.41
1.27
0.050 BSC
1.27 BSC
0.010
0.006
0.15
0.25
0.008
0.004
0.10
0.20
0.206
0.189
4.80
5.23
B
C
D
F
G
J
K
L
0.244
P
0.228
5.79
6.19
UNIDIRECTIONAL
BIDIRECTIONAL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com