Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP009E Datasheet(PDF) 7 Page - Microsemi Corporation

Part # TCP009E
Description  DUAL ASYMETRICAL TRANSIENT SUPPRESSOR FOR XDSL AND DATA LINES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TCP009E Datasheet(HTML) 7 Page - Microsemi Corporation

  TCP009E Datasheet HTML 1Page - Microsemi Corporation TCP009E Datasheet HTML 2Page - Microsemi Corporation TCP009E Datasheet HTML 3Page - Microsemi Corporation TCP009E Datasheet HTML 4Page - Microsemi Corporation TCP009E Datasheet HTML 5Page - Microsemi Corporation TCP009E Datasheet HTML 6Page - Microsemi Corporation TCP009E Datasheet HTML 7Page - Microsemi Corporation TCP009E Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Microsemi
Santa Ana Division
2830 S. Fairview Street, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 3
Copyright
 2000
MSC
1635.PDF 2000-12-04
TCP009E
TRANSIENT SUPPRESSOR FOR XDSL AND
DATA LINES
PRODUCT PREVIEW
SAN T A ANA DIV I S I ON
Note 1 : Surge test according to CCITT 1.5kV,10/700 ms between Tip or Ring and ground.
ELECTRICAL CHARACTERISTICS (Tamb= 25°C)
Symbol
Parameter
VRM
Stand-off voltage
IRM
Leakage current
VBR
Breakdown voltage
VBO
Breakover voltage
IH
Holding current
IBO
Breakover current
IPP
Peak pulse current
VF
Forward Voltage Drop
C
Capacitance
IRM @ VRM
max
IR @
VBR
min
VBO
max
note 1
VBO
dyn
typ
IBO
min
max
note 1
IH
min
CP
max
Types
µA
V
mA
V
V
V
mA
mA
mA
pF
TCP009E
10
5
1
9
12
15
50
400
50
30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com