Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431ACDM Datasheet(PDF) 10 Page - Microsemi Corporation

Part # TL431ACDM
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431ACDM Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button TL431ACDM Datasheet HTML 4Page - Microsemi Corporation TL431ACDM Datasheet HTML 5Page - Microsemi Corporation TL431ACDM Datasheet HTML 6Page - Microsemi Corporation TL431ACDM Datasheet HTML 7Page - Microsemi Corporation TL431ACDM Datasheet HTML 8Page - Microsemi Corporation TL431ACDM Datasheet HTML 9Page - Microsemi Corporation TL431ACDM Datasheet HTML 10Page - Microsemi Corporation TL431ACDM Datasheet HTML 11Page - Microsemi Corporation TL431ACDM Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
P RECISION P ROGRAMMABLE R EFERENCE S
TL431/TL431A/TL431B
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.3
9/99
10
P RODUCTION D ATA S HEET
TYPICAL CHARACTERISTICS
FIGURE 14. — PULSE RESPONSE
05
0
(t) Time - (µs)
6
2
1
2
2
13
4
4
1
0
3
3
5
6
GND
Output
220
W
50
W
Pulse
Generator
f = 100kHz
Test Circuit for Pulse Response
FIGURE 15. — STABILITY BOUNDARY CONDITIONS
C
L
150
W
I
K
V
BATT
R1=10k
W
R2
0
40
(C
L)
Load Capacitance - (µF)
20
50
10
60
70
30
0.001
0.01
0.1
1
10
80
I
K = 10mA
T
A = 25°C
90
100
A V
KA = VREF
B V
KA = 5V
C V
KA = 10V
D V
KA = 15V
Stable
C*
D*
A*
B*
Stable
* The areas under the curves represent conditions that may cause the
device to oscillate. For curves B, C, and D, R2 and V+ were adjusted to
establish the initial V
KA and IK conditions with CL = 0. VBATT and CL were
then adjusted to determine the ranges of stability.
C
L
I
K
V
BATT
150
W
Test Circuit for Curves B, C, and D
Test Circuit for Curve A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com