Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5006AHCS Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5006AHCS
Description  Crystal Oscillator Module ICs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5006AHCS Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5006AHCS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5006AHCS Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SM5006 series
NIPPON PRECISION CIRCUITS—13
Output duty cycle*1
Duty
Measurement cct 3,
load cct 1,
Ta = 25
°C,
V DD = 5.0 V
f
= 30MHz,
C L = 50 pF
SM5006ANAS
CF5006ANA
4 5–5 5
%
f
= 40MHz,
C L = 50 pF
SM5006ANBS
CF5006ANB
4 5–5 5
f
= 60MHz,
C L = 50 pF
SM5006ANCS
CF5006ANC
4 5–5 5
f
= 70MHz,
C L = 50 pF
SM5006ANDS
CF5006AND
SM5006BNCS
CF5006BNC
4 5–5 5
f
= 100MHz,
C L = 30 pF
CF5006ANE
4 5
–
5 5
f
= 100MHz,
C L = 15 pF
SM5006ANES
4 5
–
5 5
f
= 107MHz,
C L = 30 pF
CF5006ANF
CF5006BNE
4 5–5 5
f
= 107MHz,
C L = 15 pF
SM5006ANFS
SM5006BNES
4 5–5 5
f
= 50MHz,
C L = 50 pF
SM5006CNCS
CF5006CNC
SM5006DNCS
CF5006DNC
4 5–5 5
f
= 100MHz,
C L = 15 pF
SM5006CNES
CF5006CNE
SM5006DNES
CF5006DNE
4 5–5 5
f
= 60MHz,
C L = 15 pF
SM5006CNCS
CF5006CNC
4 0–6 0
f
= 70MHz,
C L = 15 pF
SM5006CNDS
CF5006CND
SM5006DNCS
CF5006DNC
4 0–6 0
Output disable delay time
tPLZ
Measurement cct 3, load cct 1, Ta = 25
°C, V DD = 5 V, CL ≤ 15 pF
–
–
100
ns
Output enable delay time
tPZL
–
–
100
ns
*1. Determined by the lot monitor.
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com