Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPR60 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UPR60
Description  ULTRA FAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPR60 Datasheet(HTML) 1 Page - Microsemi Corporation

  UPR60 Datasheet HTML 1Page - Microsemi Corporation UPR60 Datasheet HTML 2Page - Microsemi Corporation UPR60 Datasheet HTML 3Page - Microsemi Corporation UPR60 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microsemi
Watertown Division
580 Pleasant Street Watertown, MA 02472 617-926-0404, Fax: 617-924-1235
Page 1
Copyright
 2000
MSC
1597.PDF 2000-09-25
UPR60
ULTRA FAST RECTIFIER
W A T E R T O W N DI V I S I ON
DESCRIP T ION
DESCRIP T ION
DESCRIP T ION
DESCRIP T ION
Microsemi’s Powermite SMT
package offers high efficiency ultra
fast rectifiers with the power
handling capabilities previously
found only in much larger packages.
They are ideal for SMD applications
that operate at high frequencies.
The Powermite package’s full metallic
bottom eliminates the possibility of
solder flux entrapment during
assembly, and its unique locking tab
acts as an integral heat sink. Its
innovative design makes this device
ideal for use with automatic insertion
equipment.
POWERMITE PACKAGE
HIGH EFFICIENCY, 2A, 30ns
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
!"High Power Surface Mount
Package
!"Ultra-fast Recovery Time (30ns)
!"Low Forward Voltage
!"Compatible with Automatic
Insertion Equipment
!"Full Metallic Bottom Eliminates
Flux Entrapment
!"Integral Heat / Sink/Locking
Tabs
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFITS
SS
S
!"Switching and Regulating Power
Supplies
!"Charge Pump Circuits
!"Reduces reverse recovery loss
due to low IRM
!"Replaces wire bonded die with a
flip chip package
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
Maximum Reverse Voltage
600V
Average Power Dissipation @ TTab = 75ºC
2.5W
*
Thermal Resistance Junction to Tab
30º C/W
Thermal Resistance Junction to Bottom
10º C/W
Non-Repetitive Sinusoidal Surge Current (8.3mS)
20A
Operating and Storage Temperature
-55º to + 150º C
* WHEN MOUNTED ON A PC BOARD WITH 2 OZ. COPPER.
SPICE MODEL UPR60
SPICE MODEL UPR60
SPICE MODEL UPR60
SPICE MODEL UPR60
SURFACE MOUNT RECTIFIER
.MODEL UPR60 D(IS = 1.88N N = 1.6 RS = 0.133 IKF = 2.37M
+ XTI = 3 EG = 1.11 Cjo = 25p M = .41 Vj = .424 Fc = 0.5
+ Isr = 10n Nr = 2.135 Bv = 600 Ibv = 300n Tt = 62n
ELEC TRICA L SPE CI FICAT IONS
Test
Min
Typ
Max
Units
Conditions
Forward Voltage Vf
1.6
1.4
V
V
If = 2 A, TA = 25ºC
If = 1.2 A, TA = 25ºC
Reverse Current IR
1
100
µA
µA
VR = 600V, TA = 25ºC
VR = 600V, TA = 125ºC
Reverse Recovery Time Trr
30
ns
IF = 0.5A, IR = 1.0A, IREC = 0.25A, TA = 25ºC


Similar Part No. - UPR60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPR60 MICROSEMI-UPR60 Datasheet
107Kb / 4P
High Power Surface Mount Package
UPR60E3-TR7 MICROSEMI-UPR60E3-TR7 Datasheet
107Kb / 4P
High Power Surface Mount Package
More results

Similar Description - UPR60

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
Ultra Fast Rectifier
RU0073D SSDI-RU0073D_15 Datasheet
81Kb / 2P
ULTRA FAST RECTIFIER
RU0081 SSDI-RU0081_15 Datasheet
318Kb / 2P
ULTRA FAST RECTIFIER
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF4001 JINGHENG-UF4001 Datasheet
63Kb / 2P
ULTRA FAST RECTIFIER
logo
Inchange Semiconductor ...
DSEP40-03AS ISC-DSEP40-03AS Datasheet
278Kb / 2P
Ultra fast Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com