Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS34AS Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # LS34AS
Description  Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS34AS Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  LS34AS_15 Datasheet HTML 1Page - GOOD-ARK Electronics LS34AS_15 Datasheet HTML 2Page - GOOD-ARK Electronics LS34AS_15 Datasheet HTML 3Page - GOOD-ARK Electronics LS34AS_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LS34AS thru LS345AS
Surface Mount Schottky Rectifier
Reverse Voltage 40~45V Forward Current 3A
www.goodark.com
2/4
2015.01-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non‐Repetitive Peak 
Forward Surge Current
Figure 3. Typical Reverse Characteristics 
Figure 4. Typical Junction Capacitance
Figure 5. Typical Instantaneous Forward Characteristics 
www.goodark.com
2/4
2015.01-Rev.A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com