Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5661 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5661
Description  High Performance Dual Channel Current Mode Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5661 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5661 Datasheet HTML 1Page - ON Semiconductor CS5661 Datasheet HTML 2Page - ON Semiconductor CS5661 Datasheet HTML 3Page - ON Semiconductor CS5661 Datasheet HTML 4Page - ON Semiconductor CS5661 Datasheet HTML 5Page - ON Semiconductor CS5661 Datasheet HTML 6Page - ON Semiconductor CS5661 Datasheet HTML 7Page - ON Semiconductor CS5661 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Characteristics: (VCC = 15V, RT = 8.2kΩ, CT = 3.3nF, for typical values TA = 25°C, for min/max values -40°C < TA < 85°C,
unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Absolute Maximum Ratings
Output Current, Source or Sink (Note 1) ......................................................................................................................400mA
Output Energy (capacitive load per cycle) .......................................................................................................................5.0µJ
Current Sense, Enable and Voltage ......................................................................................................................-0.3 to +5.5V
Feedback Inputs
Sync Input – High State (Voltage) ......................................................................................................................................5.5V
– Low State (Reverse Current) ...................................................................................................................-5.0mA
Error Amp Output Sink Current......................................................................................................................................10mA
Storage Temperature Range ................................................................................................................................-65 to +150°C
Operating Junction Temperature...................................................................................................................................+150°C
Lead Temperature Soldering
Reflow (SMD styles only) ......................................................................................60 sec. max above 183°C, 230°C peak
ESD Capability (Human Body Model) ...................................................................................................................................2kV
s Reference Section
Reference Output Voltage,
IOUT = 1.0mA, TJ = 25°C
4.9
5.0
5.1
V
VREF
Line Regulation
11V
≤ V
CC ≤ 15V
2.0
20.0
mV
Load Regulation
1.0mA
≤ I
OUT ≤ 10mA
3.0
30.0
mV
Total Output Variation over
4.85
5.15
V
Line, Load and Temperature
Output Short Circuit Current
30
100
mA
s Oscillator and PWM Sections
Total Frequency Variation
11V
≤ V
CC ≤ 15V, Tlow ≤ TA ≤ Thigh
46.0
49.5
53.0
kHz
over Line and Temperature
Frequency Change with
11V
≤ V
CC ≤ 15V
0.2
1.0
%
Voltage
Duty Cycle at each Output
Maximum
46.0
49.5
52.0
%
SYNC Current
High State VIN = 2.4V
170
250
µA
Low State VIN = 0.8V
80
160
s Error Amplifiers
Voltage Feedback Input
VOUT = 2.5V
2.42
2.50
2.58
V
Input Bias Current
VFB = 5.0V
-0.1
-1.0
µA
Open-Loop Voltage Gain
2.0V
≤ V
OUT ≤ 4.0V
65
100
dB
Unity Gain Bandwidth
TJ = 25°C (Note 5)
0.7
1.0
MHz
Power Supply Rejection Ratio VCC = 11V to 15V
60
90
dB
Output Current
Source VOUT = 3.0V, VFB = 2.3V
-0.45
-1.00
mA
Sink VOUT = 1.2V, VFB = 2.7V
2.00
12.00
mA
Output Voltage Swing
High State RL = 15kΩ to ground,
VFB = 2.3V
5.0
6.2
V
Low State RL = 15kΩ to VREF,
VFB = 2.7V
0.8
1.1
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com