Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB0405 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # USB0405
Description  TVSarray ??Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

USB0405 Datasheet(HTML) 1 Page - Microsemi Corporation

  USB0405 Datasheet HTML 1Page - Microsemi Corporation USB0405 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSC1374.PDF
ISO 9001 CERTIFIED
REV B 1/14/2000
USB0403
thru
USB0424
TVSarray ™ Series
8700 E. Thomas Road
Scottsdale, AZ 85251
Tel: (480) 941-6300
Fax: (480) 947-1503
DESCRIPTION (300 watt)
This 4 pin 1 line unidirectional ULTRA LOW CAPACITANCE array is
designed for use in applications requiring board level protection from
voltage transients caused by electrostatic discharge (ESD) as defined
by IEC 1000-4-2, electrical fast transients (EFT) per IEC 1000-4-4 and
effects of secondary lightning.
These arrays are used to protect 1 discrete line utilizing pins (1,4 signal
and 2,3 ground). The S0T-143 product provides board level protection
from static electricity and other induced voltage surges that can
damage sensitive circuitry.
These TRANSIENT VOLTAGE SUPPRESSOR (TVS) Diode Arrays protect 3.3 Volt components such as
DRAM’s, SRAM’s, CMOS, HCMOS, HSIC, and low voltage interfaces up to 24Volts.
FEATURES
MECHANICAL
Protects 3.3 up through 24V Components
Molded SOT-143 Surface Mount
Protects 1 line unidirectional
Weight: .035 grams (approximate)
Provides electrically isolated protection
Body Marked with device marking
SOT-143 Packaging
code
ULTRA LOW CAPACITANCE 5 pF
Pin #1 defined by DOT on top of
package
MAXIMUM RATINGS
PACKAGING
Operating Temperatures: -55
0C to +1500C
Tape & Reel EIA Standard 481-1-A
Storage Temperature: -55
0C to +1500C
7 inch reel 5,000 pieces
Peak Pulse Power: 300 Watts (8/20
µsec, Figure 1)
13 inch reel 10,000 pieces
Pulse Repetition Rate: <.01%
ELECTRICAL CHARACTERISTICS @ 25
0C Unless otherwise specified
STAND
OFF
VOLTAG
E
VWM
VOLTS
BREAKDOWN
VOLTAGE
VBR
@1 mA
VOLTS
CLAMPING
VOLTAGE
VC
@ 1 Amp
(FIGURE 2)
VOLTS
CLAMPING
VOLTAGE
VC
@ 5 Amp
(FIGURE 2)
VOLTS
STAND OFF
CURRENT
ID
@ VWM
µA
CAPACITANCE
(f=1 MHz)
@0V
C
pF
TEMPERATURE
COEFFICIENT
OF VBR
áVBR
mV/°C
PART
NUMBER
DEVICE
MARKING
MAX
MIN
MAX
MAX
MAX
MAX
MAX
USB0403
BA
3.3
4
8
11
200
5
-5
USB0405
BB
5.0
6.0
10.8
13
100
5
3
USB0412
BC
12.0
13.3
19
26
1
5
10
USB0415
BD
15.0
16.7
25
32
1
5
13
USB0424
BE
24.0
26.7
44
57
1
5
30
NOTE: Transient Voltage Suppression (TVS) product is normally selected based on its stand off Voltage
VWM. Product selected voltage should be equal to or greater than the continuous peak operating voltage of
the circuit to be protected.


Similar Part No. - USB0405

ManufacturerPart #DatasheetDescription
logo
Protek Devices
USB0405 PROTEC-USB0405 Datasheet
117Kb / 5P
LOW CAPACITANCE TVS ARRAY
USB0405 PROTEC-USB0405 Datasheet
101Kb / 5P
LOW CAPACITANCE TVS ARRAY
USB0405 PROTEC-USB0405 Datasheet
900Kb / 9P
350 watt low capacitance tvs array
USB0405 PROTEC-USB0405 Datasheet
901Kb / 9P
350 WATT LOW CAPACITANCE TVS ARRAY
USB0405-LF-T7 PROTEC-USB0405-LF-T7 Datasheet
101Kb / 5P
LOW CAPACITANCE TVS ARRAY
More results

Similar Description - USB0405

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM16LC03 MICROSEMI-SM16LC03 Datasheet
103Kb / 2P
TVSarray Series
SMDA03-6 MICROSEMI-SMDA03-6 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-4-2 MICROSEMI-SMDA03C-4-2 Datasheet
104Kb / 2P
TVSarray Series
SMDA03C-4 MICROSEMI-SMDA03C-4 Datasheet
103Kb / 2P
TVSarray Series
SMDA03C-7 MICROSEMI-SMDA03C-7 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-8 MICROSEMI-SMDA03C-8 Datasheet
227Kb / 2P
TVSarray Series
SMP6LC50 MICROSEMI-SMP6LC50 Datasheet
85Kb / 2P
TVSarray Series
USB0803C MICROSEMI-USB0803C Datasheet
91Kb / 2P
TVSarray Series
USB50803C MICROSEMI-USB50803C Datasheet
91Kb / 2P
TVSarray Series
USB6B1 MICROSEMI-USB6B1 Datasheet
69Kb / 2P
TVSarray Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com