Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23PL005 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 23PL005
Description  NEMA 23 Planetary Gearhead
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

23PL005 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  23PL005 Datasheet HTML 1Page - List of Unclassifed Manufacturers 23PL005 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23PL005
Part No. 23PL005
1pc.
$594.00
25pc.
$594.00
50pc.
$594.00
100pc.
Request a Quote for 100+ piece pricing.
Pricing
Part Number:
23PL005
Frame Size:
NEMA 23
Ratio:
5:1
Torque, Nominal:
331 in-lb
Torque, Max Accel:
518 in-lb
Length:
2.66 inches
Weight:
1.8 lbs
Input Speed:
6500 rpm max
Backlash:
6
Service Life:
> 10,000 hours
Efficiency:
90%
Inertia:
1.168E-03 oz-in-sec
Datasheet:
http://s3.amazonaws.com/applied-motion-pdf/23PL005.pdf
2D Drawing:
23PL005_RevA.pdf
3D Drawing:
23PL-1STG.igs
Specifications
2
Downloads



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com