Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS2ABF Datasheet(PDF) 1 Page - Leshan Radio Company

Part # RS2ABF
Description  Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

RS2ABF Datasheet(HTML) 1 Page - Leshan Radio Company

  RS2ABF Datasheet HTML 1Page - Leshan Radio Company RS2ABF Datasheet HTML 2Page - Leshan Radio Company RS2ABF Datasheet HTML 3Page - Leshan Radio Company RS2ABF Datasheet HTML 4Page - Leshan Radio Company RS2ABF Datasheet HTML 5Page - Leshan Radio Company RS2ABF Datasheet HTML 6Page - Leshan Radio Company RS2ABF Datasheet HTML 7Page - Leshan Radio Company RS2ABF Datasheet HTML 8Page - Leshan Radio Company RS2ABF Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards
of MIL-S-19500
* Fast Switching for high efficiency
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
260°C/10 seconds
Mechanical Data
Case
: JEDEC SMB-FL, molded plastic over glass die
Terminals
: Plated leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
we declare that the material of product is halogen
Mounting Position
: Any
free (green epoxy compound).
Weight
: 0.066 g
Handling precautin
:None
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol RS2ABF RS2BBF RS2DBF RS2GBF RS2JBF RS2KBF RS2MBF RS2MPBF
Unit
Device marking code
RS2A
RS2B
RS2D
RS2G
RS2J
RS2K
RS2M
RS2MP
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
1000
V
Maximum RSM voltage
VRSM
35
70
140
280
420
560
700
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TC = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 2)
RθJA
RθJC
°C/W
Operating junction and storage temperature range
TJ,
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol RS2ABF RS2BBF RS2DBF RS2GBF RS2JBF RS2KBF RS2MBF RS2MPBF
Unit
Maximum instantaneous forward voltage at 2.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TJ = 125°C
IR
µA
Typical reverse recovery time (Note 1)
trr
250
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. 8.0mm2 (.013mm thick) land areas
RS2ABF thru RS2MABF
150
500
Surface Mount Glass Passivated Super Fast Rectifiers
Reverse Voltage 50 to 1000V Forward Current 2.0A
2.0
70
135
25
–50 to +150
8.0
1.3
5.0
100


Similar Part No. - RS2ABF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
RS2ABF CHENDA-RS2ABF Datasheet
577Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
RS2ABF YFWDIODE-RS2ABF Datasheet
86Kb / 3P
Surface MountFast Recovery Rectifiers
logo
Guangdong Juxing Electr...
RS2ABF JUXING-RS2ABF Datasheet
633Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Xian Semipower Electron...
RS2ABF SEMIPOWER-RS2ABF Datasheet
122Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Jiangsu High diode Semi...
RS2ABF HDSEMI-RS2ABF Datasheet
1Mb / 4P
SMBF Plastic-Encapsulate Diodes
More results

Similar Description - RS2ABF

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S2A LRC-S2A Datasheet
291Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFM201 LRC-FFM201 Datasheet
172Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RS2A LRC-RS2A Datasheet
386Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
EFMAF210 LRC-EFMAF210 Datasheet
242Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
FFMA201 LRC-FFMA201 Datasheet
229Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMAF201 LRC-FFMAF201 Datasheet
314Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMA207 LRC-FFMA207 Datasheet
229Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF207 LRC-FMAF207 Datasheet
251Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RS2MBF LRC-RS2MBF Datasheet
253Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
S2MBF LRC-S2MBF Datasheet
288Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com