Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3B Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LS3B
Description  Surface Mount Schottky Rectifier Reverse Voltage 70~100V Forward Current 3A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS3B Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LS3B Datasheet HTML 1Page - GOOD-ARK Electronics LS3B Datasheet HTML 2Page - GOOD-ARK Electronics LS3B Datasheet HTML 3Page - GOOD-ARK Electronics LS3B Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LS37 thru LS3B/SK37AFL thru SK310AFL
Surface Mount Schottky Rectifier
Reverse Voltage 70~100V Forward Current 3A
www.goodark.com
1/4
2014.3-Rev.A
Features
• Schottky barrier diodes
• Low forward voltage drop
Ll
k
t
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
Typical Applications
eSGB (SMAF)
Typical Applications
For use in low voltage,high freqency inverters,free wheeling, and polarity
protection application
Maximum Ratings (TA = 25 °C unless otherwise noted)
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
70
Maximum DC blocking voltage
Maximum average forward rectified current at TL
(See Fig.1)
3.0
Maximum repetitive peak reverse voltage
Maximum RMS voltage
70
70
70
70
80
90
100
70
49
56
63
Parameter
Symbol
Unit
LS37
LS38
LS39
LS3B
IFSM
A
TJ, TSTG
°C
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
100
Operating junction and storage temperature
range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
IF=3A, TA=25℃
IF=3A, TA=125℃
TA=25℃
uA
TA=125℃
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Maximum DC reverse current
at rated DC blocking voltage
IR
500
100
234
Unit
Instantaneous forward voltage
VF
Max:0.80
Volts
Typ:0.60
LS38
LS39
Parameter
Test Conditions
Symbol
LS37
LS3B
Typical thermal resistance
juntion to lead
RθJL1)
℃/W
Note1:Thermal resistance from junction to lead,mounted on PCB with 8.0×8.0mm copper pads
20
www.goodark.com
1/4
2014.3-Rev.A


Similar Part No. - LS3B

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
LS3 DIT-LS3 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
logo
CITIZEN ELECTRONICS CO....
LS30 CITIZEN-LS30 Datasheet
186Kb / 1P
Non-illuminated/Vertical Type
logo
Lorlin Electronics Ltd.
LS300 LORLIN-LS300 Datasheet
723Kb / 1P
LS300 LOCK SWITCH
logo
ABL Aluminium Component...
LS300 ABL-LS300 Datasheet
749Kb / 6P
HEATSINK SELECTION
logo
Hugo Mueller GmbH & Co....
LS3000KNX HUGO-MUELLER-LS3000KNX Datasheet
144Kb / 2P
OUTDOOR SENSORS
More results

Similar Description - LS3B

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC101BSH GOOD-ARK-SGC101BSH_15 Datasheet
206Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC101BSD GOOD-ARK-SGC101BSD_15 Datasheet
204Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC051BS GOOD-ARK-SGC051BS_15 Datasheet
209Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
SGC201BS GOOD-ARK-SGC201BS_15 Datasheet
206Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 20A
SGC151BS GOOD-ARK-SGC151BS_15 Datasheet
209Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 15A
FS2BH GOOD-ARK-FS2BH_15 Datasheet
206Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
FS2B GOOD-ARK-FS2B_15 Datasheet
203Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
FS1BH GOOD-ARK-FS1BH_15 Datasheet
191Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 1A
LS2B GOOD-ARK-LS2B_15 Datasheet
188Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LSL3B GOOD-ARK-LSL3B Datasheet
263Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 3A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com