Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPL95-12 Datasheet(PDF) 1 Page - B. B. Battery Co., Ltd.

Part # BPL95-12
Description  VRLA Rechargeable Battery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BB-BATTERY [B. B. Battery Co., Ltd.]
Direct Link  http://www.bb-battery.com
Logo BB-BATTERY - B. B. Battery Co., Ltd.

BPL95-12 Datasheet(HTML) 1 Page - B. B. Battery Co., Ltd.

  BPL95-12 Datasheet HTML 1Page - B. B. Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Nominal Voltage
Nominal Capacity
95.0Ah @ 20 hour rate F.V.(1.75V/cell)
Terminals
4.5m
28.5 A
oo
o
o
Charge
0 C~40 C(32 F~104 F)
oo
o
o
Discharge
-20 C~50 C(-4 F~122 F)
oo
o
o
Storage.
-20 C~40 C(-4 F~104 F)
Internal Resistance
Length
Width
Container Height
Total Height
OUTER DIMENSIONS
TERMINAL TYPE
12 V
Max. Charge Current
Container Material
DIMENSION(mm/inch)
33.2Kg(73.2lbs.)
All data and artworks shall be changed without prior notice, BB reserves the right to explain and update the information contained hereinto.
VRLA Rechargeable Battery
BPL95-12
Technology
Measures
Innovation
Values
B.B. Battery Co., Ltd.
Powered by
REV. Mar. 2013
A/4
APPLICATION
SPECIFICATIONS
IEC 60896-21/22
JIS C 8704-2
GB/T 19638.2
Approx. Weight
B3 (Fitting M6 bolt & nut) I2 is optional
Max. Discharge Current
800 A (5 sec.)
(Fully Charged )
Operating Temperature Range
329±2.0
172±2.0
215±2.0
B3:238±2.0
UPS
Golf-carts
Telecom
(12.95±0.08)
(6.77±0.08)
(8.46±0.08)
(9.37±0.08)
FEATURES
Maintenance free(no water topping-up required).
No free acid(Non-spillable battery).
Low self-discharge rate, lower than 3% capacity loss per month.
Can be used in any orientation(excluding used inverted).
Filtered with explosion proof filter.
Flame-arrestor is installed to ensure safety.
Carry handles for easy installation.
Absorbent Glass Mat technology for efficient gas recombination.
(V/cell)
F.V.
Discharge
Time
15 Min
30 Min
1 Hr
3 Hr
5 Hr
10 Hr
20 Hr
1.80V
1.75V
1.70V
1.65V
1.60V
Unit: A
o
o
Constant current discharge characteristics at 25 C/77 F
(V/cell)
F.V.
Discharge
Time
15 Min
30 Min
1 Hr
3 Hr
5 Hr
10 Hr
20 Hr
Unit: W
o
o
Constant power discharge characteristics at 25 C/77 F
1.80V
1.75V
1.70V
1.65V
1.60V
2007
2129
2228
2280
2326
1201
1246
1274
1292
1304
654.7
675.1
686.8
695.5
702.8
275.6
281.4
284.3
285.8
287.2
191.0
193.9
194.7
195.4
195.4
106.44
108.05
108.63
108.92
108.92
55.70
57.00
57.16
57.30
57.30
181
194
203
207
211
55.0
56.7
57.7
58.4
59.1
23.0
23.5
23.7
23.8
23.9
15.9
16.2
16.2
16.3
16.3
8.87
9.00
9.05
9.08
9.08
4.64
4.75
4.76
4.78
4.78
106.3
110.2
112.7
114.3
115.4
329
2 (12.95
0.08)
172
2 (6.77
0.08)
Terminal B3
25.0(0.98)
7.3(0.29)
[M6 BOLT & NUT]
Terminal I2
[M6 BOLT]
M6x1.0
Terminal Hardware Initial Torque: B3/I2 (5.5Nm±5%)
I2:218.5±2.0 (8.60±0.08)
Standard: ABS( UL 94-HB)
BPL95-12
BPL95-12FR
Optional: Flame Retardant ABS(UL 94-V0)


Similar Part No. - BPL95-12

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
BPL-1 FESTO-BPL-1 Datasheet
80Kb / 1P
Adapter plate
BPL-2 FESTO-BPL-2 Datasheet
74Kb / 1P
Adapter plate
BPL-3 FESTO-BPL-3 Datasheet
74Kb / 1P
Adapter plate
logo
Ferroxcube Internationa...
BPL-CLM-P14 FERROXCUBE-BPL-CLM-P14 Datasheet
28Kb / 1P
BPL-CLM-P14
BPL-CLM-P18 FERROXCUBE-BPL-CLM-P18 Datasheet
28Kb / 1P
BPL-CLM-P18
More results

Similar Description - BPL95-12

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BP4.5-12RT BB-BATTERY-BP4.5-12RT_15 Datasheet
225Kb / 1P
VRLA Rechargeable Battery
BP7-12 BB-BATTERY-BP7-12_15 Datasheet
168Kb / 1P
VRLA Rechargeable Battery
BPL26-12 BB-BATTERY-BPL26-12_15 Datasheet
142Kb / 1P
VRLA Rechargeable Battery
EP12-12 BB-BATTERY-EP12-12_15 Datasheet
167Kb / 1P
VRLA Rechargeable Battery
EP40-12 BB-BATTERY-EP40-12_15 Datasheet
199Kb / 1P
VRLA Rechargeable Battery
EVP44-12 BB-BATTERY-EVP44-12_15 Datasheet
191Kb / 1P
VRLA Rechargeable Battery
HR5.8-12 BB-BATTERY-HR5.8-12_15 Datasheet
192Kb / 1P
VRLA Rechargeable Battery
BP35-12-S-TYPE BB-BATTERY-BP35-12-S-TYPE Datasheet
163Kb / 1P
VRLA Rechargeable Battery
BPL150-12 BB-BATTERY-BPL150-12 Datasheet
223Kb / 1P
VRLA Rechargeable Battery
MPL110-12 BB-BATTERY-MPL110-12 Datasheet
504Kb / 1P
VRLA Rechargeable Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com