Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSL34 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LSL34
Description  Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LSL34 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LSL34 Datasheet HTML 1Page - GOOD-ARK Electronics LSL34 Datasheet HTML 2Page - GOOD-ARK Electronics LSL34 Datasheet HTML 3Page - GOOD-ARK Electronics LSL34 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LSL34 thru LSL345
Surface Mount Schottky Rectifier
Reverse Voltage 40~45V Forward Current 3A
www.goodark.com
1/4
2015.1-Rev.B
Features
• Schottky barrier diodes
• Low forward voltage drop
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• Moisture sensitivity: level 1, per J-STD-020
Typical Applications
For use in low voltage,high freqency inverters,free wheeling, and polarity
protection application
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
TJ, TSTG
°C
Maximum Instantaneous
forward voltage
IF=3A, TA=25℃
VF
Volts
TA=25℃
TA=125℃
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance1)
juntion to lead
RθJL
℃/W
Note1:Thermal resistance from junction to lead,mounted on PCB with 8.0×8.0mm copper pads
mA
100
300
30
Parameter
Test Conditions
Symbol
Unit
Maximum DC reverse current
at rated DC blocking voltage
IR
0.5
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
50
Operating junction and storage temperature
range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
3.0
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Unit
0.45
LSL34
LSL345
40
28
40
45
31.5
40
LSL34
LSL345
eSGB (SMAF)


Similar Part No. - LSL34

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LSL34A GOOD-ARK-LSL34A Datasheet
191Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
LSL34A GOOD-ARK-LSL34A Datasheet
393Kb / 4P
Surface Mount Schottky Rectifier
More results

Similar Description - LSL34

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC2545S GOOD-ARK-SGC2545S_15 Datasheet
202Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 25A
SGC1545SA GOOD-ARK-SGC1545SA_15 Datasheet
257Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1545S GOOD-ARK-SGC1545S_15 Datasheet
250Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1045SA GOOD-ARK-SGC1045SA_15 Datasheet
202Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
SGC1045S GOOD-ARK-SGC1045S_15 Datasheet
213Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
FS32 GOOD-ARK-FS32_15 Datasheet
209Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 20~45V Forward Current 3A
LS34AS GOOD-ARK-LS34AS_15 Datasheet
191Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
LS345A GOOD-ARK-LS345A Datasheet
190Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
LS54 GOOD-ARK-LS54 Datasheet
228Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40/45V Forward Current 5A
LSL54 GOOD-ARK-LSL54 Datasheet
195Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 5A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com