Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSL36 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LSL36
Description  Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LSL36 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LSL36 Datasheet HTML 1Page - GOOD-ARK Electronics LSL36 Datasheet HTML 2Page - GOOD-ARK Electronics LSL36 Datasheet HTML 3Page - GOOD-ARK Electronics LSL36 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LSL36
Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 3A
www.goodark.com
1/4
2014.05-Rev.A
Features
• Schottky barrier diodes
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
Typical Applications
eSGB (SMAF)
Typical Applications
For use in low voltage,high freqency inverters,free wheeling, and polarity
protection application
Maximum Ratings (TA = 25 °C unless otherwise noted)
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
LSL36
60
42
60
Maximum DC blocking voltage
Maximum average forward rectified current at TL
(S
Fi 1)
3.0
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Parameter
Symbol
Unit
IF(AV)
A
IFSM
A
TJ, TSTG
°C
(See Fig.1)
3.0
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
100
Operating junction and storage temperature
range
- 55 to + 125
Electrical Characteristics (TA = 25 °C unless otherwise noted)
IF=1A, TA=25℃
IF=2A, TA=25℃
IF=3A, TA=25℃
IF=3A, TA=100℃
TA=25℃
Instantaneous forward voltage
VF
-
0.42
0.45
Maximum DC reverse current
5
Volts
-
0.47
0.50
-
0.51
0.55
-
0.46
-
Unit
Test Conditions
Symbol
Min
Typ
Max
Electrical Characteristics (TA = 25 C unless otherwise noted)
Parameter
TA=25℃
TA=100℃
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance1)
juntion to lead
RθJL
℃/W
Note1:Thermal resistance from junction to lead,mounted on PCB with 8.0×8.0mm copper pads
Maximum DC reverse current
at rated DC blocking voltage
IR
5
mA
100
1320
30
www.goodark.com
1/4
2014.05-Rev.A


Similar Part No. - LSL36

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LSL32A GOOD-ARK-LSL32A Datasheet
393Kb / 4P
Surface Mount Schottky Rectifier
LSL33A GOOD-ARK-LSL33A Datasheet
393Kb / 4P
Surface Mount Schottky Rectifier
LSL34 GOOD-ARK-LSL34 Datasheet
265Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
LSL34A GOOD-ARK-LSL34A Datasheet
191Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
LSL34A GOOD-ARK-LSL34A Datasheet
393Kb / 4P
Surface Mount Schottky Rectifier
More results

Similar Description - LSL36

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGP0260SD GOOD-ARK-SGP0260SD_15 Datasheet
202Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
SGC2060ST GOOD-ARK-SGC2060ST_15 Datasheet
208Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 20A
SGC1560S GOOD-ARK-SGC1560S_15 Datasheet
213Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 15A
FSL34T GOOD-ARK-FSL34T_15 Datasheet
267Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
FS36 GOOD-ARK-FS36_15 Datasheet
167Kb / 3P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
LS36 GOOD-ARK-LS36_15 Datasheet
193Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
LS3C0 GOOD-ARK-LS3C0_15 Datasheet
199Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 3A
LS36A GOOD-ARK-LS36A Datasheet
205Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
LSL34A GOOD-ARK-LSL34A Datasheet
191Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
LSL3B GOOD-ARK-LSL3B Datasheet
263Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 3A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com