Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2222 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # N2222
Description  NPN SILICON SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

N2222 Datasheet(HTML) 2 Page - Microsemi Corporation

  N2222 Datasheet HTML 1Page - Microsemi Corporation N2222 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2221A, 2N2221AUA, 2N2221AUB, 2N2222A, 2N2222AUA, 2N2222AUB JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 0.1 mAdc, VCE = 10 Vdc
2N2221A, L, UA, UB
2N2222A, L, UA, UB
IC = 1.0 mAdc, VCE = 10 Vdc
2N2221A, L, UA, UB
2N2222A, L, UA, UB
IC = 10 mAdc, VCE = 10 Vdc
2N2221A, L, UA, UB
2N2222A, L, UA, UB
IC = 150 mAdc, VCE = 10 Vdc
2N2221A, L, UA, UB
2N2222A, L, UA, UB
IC = 500 mAdc, VCE = 10 Vdc
2N2221A, L, UA, UB
2N2222A, L, UA, UB
hFE
30
50
35
75
40
100
40
100
20
30
150
325
120
300
Collector-Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
IC = 500 mAdc, IB = 50 mAdc
VCE(sat)
0.3
1.0
Vdc
Base-Emitter Voltage
IC = 150 mAdc, IB = 15 mAdc
IC = 500 mAdc, IB = 50 mAdc
VBE(sat)
0.6
1.2
2.0
Vdc
DYNAMIC CHARACTERISTICS
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz 2N2221A, L, UA, UB
2N2222A, L, UA, UB
hfe
30
50
Magnitude of Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz
h
fe
2.5
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
8.0
pF
Input Capacitance
VEB = 0.5 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cibo
25
pF
SWITCHING CHARACTERISTICS
Turn-On Time
See Figure 8 of MIL-PRF-19500/255
ton
35
ηs
Turn-Off Time
See Figure 9 of MIL-PRF-19500/255
toff
300
ηs
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com