Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CC2
Description  Thin Film 0303 Size Resistor on Alumina
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CC2 Datasheet(HTML) 1 Page - Vishay Siliconix

  CC2 Datasheet HTML 1Page - Vishay Siliconix CC2 Datasheet HTML 2Page - Vishay Siliconix CC2 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CC2-
www.vishay.com
Vishay Electro-Films
Revision: 05-Apr-13
1
Document Number: 61077
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film 0303 Size Resistor on Alumina
Product may not be to scale
The CC2 series single-value resistor chips offer a relatively
small size, low shunt capacitance and solder pad option.
The CC2s nichrome resistor material offers excellent
stability.
The CC2s are manufactured using Vishay Electro Films (EFI)
sophisticated thin film equipment and manufacturing
technology. The CC2s are 100 % electrically tested and
visually inspected to MIL-STD-883.
FEATURES
• Wire bondable
• Chip size: 0.030 inches square
• Case: 0303
• Resistance range: 25
 to 38 k
• Alumina substrate
• Low stray capacitance: < 0.2 pF
• Resistor material: Nichrome
• Resistor passivation coat optional
• Tolerances to 0.05 %
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Vishay
EFI
CC2
chip
resistors
provide
excellent
high-frequency
response
and
are
ideally
suited
for
prototyping.
Typical application areas are:
•Amplifiers
• Oscillators
• Attenuators
•Couplers
•Filters
Recommended for hermetic environments where die is not
exposed to moisture.
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
25 to 38K
Standard Tolerances
± 0.05, ± 0.1
%
TCR
± 10, ± 25, ± 50, ± 100
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
- 20 typ.
dB
Moisture Resistance, MIL-STD-202, Method 106 - Hermetic
Applications
± 0.2 max.
R/R
%
Stability, 1000 h, + 125 °C, 100 mW
± 0.1 max.
R/R
%
Operating Temperature Range
- 55 to + 125
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.25 max.
R/R
%
High Temperature Exposure, + 150 °C, 100 h
± 0.1 max.
R/R
%
Dielectric Voltage Breakdown
400
V
Insulation Resistance
1012 min.
Operating Voltage
100
V
DC Power Rating at + 125 °C (Derated to Zero at + 150 °C)
0.100 max.
W
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.25 % max.
R/R
%
25
Ω
75
Ω
100
Ω
20 k
Ω
38 k
Ω
± 100 ppm/°C
± 50 ppm/°C
± 25 ppm/°C
0.05 %
0.1 %
± 10 ppm/°C


Similar Part No. - CC2

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC2 MICROCRYSTAL-CC2 Datasheet
948Kb / 3P
Polyester 0.061 mm
logo
TT Electronics.
CC2 TTELEC-CC2 Datasheet
271Kb / 3P
Hot moulded carbon composition
logo
Cooper Bussmann, Inc.
CC20-SMA COOPER-CC20-SMA Datasheet
254Kb / 1P
CSD-SMA-2500 Surge Diverter
logo
CoolCox Limited All rig...
CC2006 COOLCOX-CC2006 Datasheet
344Kb / 1P
DC Axial Fan 20x20x6mm
CC2006H03SH COOLCOX-CC2006H03SH Datasheet
344Kb / 1P
DC Axial Fan 20x20x6mm
More results

Similar Description - CC2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CC1 VISHAY-CC1 Datasheet
99Kb / 3P
Thin Film 0402 Size Resistor on Alumina
27-May-13
CC4 VISHAY-CC4 Datasheet
76Kb / 3P
Thin Film 0510 Size Resistor on Alumina
27-May-13
CC5 VISHAY-CC5 Datasheet
89Kb / 3P
Thin Film 1010 Size Resistor on Alumina
27-May-13
CC6 VISHAY-CC6 Datasheet
92Kb / 3P
Thin Film 0304 Size Resistor on Alumina
27-May-13
CC8 VISHAY-CC8 Datasheet
82Kb / 3P
Thin Film 0202 Size Resistor on Alumina
05-Apr-13
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
Thin Film Microwave Resistor
02-May-13
MIF VISHAY-MIF Datasheet
84Kb / 3P
Thin Film Microwave Resistor
02-May-13
logo
Ohmite Mfg. Co.
RES-MC1RD OHMITE-RES-MC1RD Datasheet
176Kb / 1P
Thick film on Alumina
logo
Vishay Siliconix
CC7 VISHAY-CC7 Datasheet
67Kb / 3P
Thin Film Resistor Divider Network on Alumina, User Trimmable
18-Apr-13
CCC VISHAY-CCC Datasheet
67Kb / 3P
Thin Film, 1010 Center-Tapped Resistor Divider Network on Alumina
20-Mar-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com