Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CC4
Description  Thin Film 0510 Size Resistor on Alumina
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CC4 Datasheet(HTML) 2 Page - Vishay Siliconix

  CC4 Datasheet HTML 1Page - Vishay Siliconix CC4 Datasheet HTML 2Page - Vishay Siliconix CC4 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CC4-
www.vishay.com
Vishay Electro-Films
Revision: 27-May-13
2
Document Number: 61004
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
SCHEMATIC
0.050
0.065
0.045
0.100
0.015
MECHANICAL SPECIFICATIONS
PARAMETER
Chip Size
0.050" x 0.100" ± 0.003" (1.27 mm x 2.54 ± 0.076)
Chip Thickness
0.010" ± 0.002" (0.254 mm ± 0.05)
Chip Substrate Material
99.6 % alumina, 2 to 4 microinch finish
Resistor Material
Nichrome
Bonding Pad Size
0.015" x 0.045" (0.381 mm x 1.143 mm) minimum
Number of Pads
2
Pad Material
25 kÅ minimum gold standard
Backing
None
GLOBAL PART NUMBER INFORMATION
Global Part Number: CC4-12500KKSSNHWS
Global Part Number Description: CC4 1.25K 10 %, 100 ppm/°C, Std, SnPb, None, H, WS
MODEL
RESISTANCE
RESISTANCE
MULTILPLIER
CODE
TOL.
CODE
(%)
TCR
(ppm/°C)
TRIM
STYLE
TERMINATION
BACK
METAL
VISUAL
CLASS
PACKAGING
CODE
CC4-
50 x 100
size
NiCr on
alumina
First 4
digits are
significant
figures of
resistance
B = 0.01
A = 0.1
0 = 1
1 = 10
2 = 100
A = 0.05
B = 0.1
C = 0.25
D = 0.5
F = 1.0
G = 2.0
J = 5.0
K = 10.0
E = ± 25
C = ± 50
K = ± 100
E = Edg
S = Std
U = Usr
G = Au
S = SnPb
A = Al
T =
Lead (Pb)-free
(e1)
G = Au
N = None
H =
Class H
K =
Class K
WS =
Waffle pack
100 min,
1 mult
TS =
Tape and reel
100 min,
1 mult
500
K
S
S
N
K
1
HW
-
C4
2
S
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com