Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC8 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CC8
Description  Thin Film 0202 Size Resistor on Alumina
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CC8 Datasheet(HTML) 2 Page - Vishay Siliconix

  CC8 Datasheet HTML 1Page - Vishay Siliconix CC8 Datasheet HTML 2Page - Vishay Siliconix CC8 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CC8
www.vishay.com
Vishay Electro-Films
Revision: 05-Apr-13
2
Document Number: 61007
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
SCHEMATIC
MECHANICAL SPECIFICATIONS
PARAMETER
VALUE
Chip Size
0.020" x 0.020" ± 0.003" (0.5 mm x 0.5 mm ± 0.08 mm)
Chip Thickness
0.010" ± 0.002" (0.25 mm ± 0.05 mm)
Chip Substrate Material
99.6 % alumina, 2 μ" to4 μ" finish
Resistor Material
Nichrome
Bonding Pad Size
0.004" x 0.008" (0.10 mm x 0.20 mm) minimum
Number of Pads
2
Pad Material
25 k
 minimum gold standard
Passivation
Thermalset plastic
Backing
None
GLOBAL PART NUMBER INFORMATION
GLOBAL PART NUMBER: CC8-12500KKSSNHWS
GLOBAL PART NUMBER DESCRIPTION: CC8 1.25K 10 % 100 ppm Std SnPb None H WS
MODEL
RESISTANCE
RESISTANCE
MULTIPLIER
CODE
TOLERANCE
CODE
TCR
(ppm/°C)
TRIM
STYLE
TERMINATION
BACK
METAL
VISUAL
CLASS
PACK CODE
17
CC8-
First 4 digits
are significant
figures of
resistance
B = 0.01
A = 0.1
0 = 1
1 = 10
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1.0 %
G = 2.0 %
J = 5.0 %
K = 10 %
E = ± 25
C = ± 50
K = ± 100
E = Edg
S = Std
U = Usr
N = Nitride
G = Au
S = SnPb
A = Al
T = Lead
(Pb)-free (e1)
G = Au
N = None
H = Class H
K = Class K
WS = Waffle
pack 100 min.,
1 mult
0.008
0.020
0.004
0.020
TYPICAL RANGE
110
Ω to 20 kΩ
0.015
0.020
0.020
0.004
TYPICAL RANGE
20
Ω to 100 Ω
25
0
K
S
S
K
-
NH
8
CC
1
WS
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com