Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMFINDUSTRIAL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CMFINDUSTRIAL
Description  Metal Film Resistors, Industrial, Precision
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMFINDUSTRIAL Datasheet(HTML) 2 Page - Vishay Siliconix

  CMFINDUSTRIAL Datasheet HTML 1Page - Vishay Siliconix CMFINDUSTRIAL Datasheet HTML 2Page - Vishay Siliconix CMFINDUSTRIAL Datasheet HTML 3Page - Vishay Siliconix CMFINDUSTRIAL Datasheet HTML 4Page - Vishay Siliconix CMFINDUSTRIAL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CMF Industrial
www.vishay.com
Vishay Dale
Revision: 24-Apr-14
2
Document Number: 31018
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• For additional information on packaging, refer to the Through-Hole Resistor Packaging document (www.vishay.com/doc?31544).
(1) Tolerances of ± 0.5 % (D), ± 0.25 % (C) and ± 0.1 % (B) are available only in 50 ppm and 25 ppm temperature coefficients.
Notes
(2) Lead length for product in bulk pack. For product supplied in tape and reel, the actual lead length would be based on the body size, tape
spacing and lead trim.
(3) Available with 0.032" (0.813 mm) lead [CMF60..95]
(4) 0.260" ± 0.020" (6.60 mm ± 0.51 mm) for values > 5 M
GLOBAL PART NUMBER INFORMATION
DIMENSIONS in inches (millimeters)
GLOBAL MODEL
A
B
C
(Max.)
D
CMF50
0.150 ± 0.020
(3.81 ± 0.51)
0.065 ± 0.015
(1.65 ± 0.38)
0.187 (4.75)
0.016 ± 0.002
(0.41 ± 0.05)
CMF55
0.240 ± 0.020 (4)
(6.10 ± 0.51)
0.090 ± 0.008
(2.29 ± 0.20)
0.290 (7.37)
0.025 ± 0.002
(0.64 ± 0.05)
CMF60
0.344 ± 0.031
(8.74 ± 0.79)
0.145 ± 0.015
(3.68 ± 0.38)
0.425 (10.80)
0.025 ± 0.002 (3)
(0.64 ± 0.05)
CMF65
0.562 ± 0.031
(14.27 ± 0.79)
0.180 ± 0.015
(4.57 ± 0.38)
0.687 (17.45)
0.025 ± 0.002
(0.64 ± 0.05)
CMF70
0.562 ± 0.031
(14.27 ± 0.79)
0.180 ± 0.015
(4.57 ± 0.38)
0.687 (17.45)
0.032 ± 0.002
(0.81 ± 0.05)
CMF07
0.240 ± 0.020
(6.10 ± 0.51)
0.090 ± 0.008
(2.29 ± 0.20)
0.290 (7.37)
0.025 ± 0.002
(0.64 ± 0.05)
CMF20
0.375 ± 0.040
(9.53 ± 1.02)
0.145 ± 0.015
(3.68 ± 0.38)
0.425 (10.80)
0.032 ± 0.002
(0.81 ± 0.05)
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CMF50
CMF55
CMF07
CMF60
CMF20
CMF65
CMF70
Maximum Working Voltage
V
200
 250
 250
 500
500
 500
 500
Insulation Voltage (1 Min)
Veff
> 500
Voltage Coefficient (Max.)
ppm/V
± 5 (measured between 10 % and full rated voltage)
Dielectric Strength
VAC
450
450
450
750
750
900
900
Insulation Resistance
1011
Operating Temperature Range
°C
-55 to +175
Terminal Strength (Pull Test)
lb
2
2
5
2
5
2
5
Noise
dB
0.10 μV/V over a decade of frequency, with low and intermediate resistance values typically
below 0.05 μV/V
Weight (Max.)
g
0.12
0.28
0.28
0.50
0.60
1.00
1.10
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE
PACKAGING
CODE
(See Standard
R =
Ω
B = ± 0.1 %
E = 25 ppm
EK = Lead (Pb)-free, bulk
EA = Lead (Pb)-free, T/R (full)
EB = Lead (Pb)-free,
T/R (1000 pieces)
Electrical
K = k
Ω
C = ± 0.25 %
H = 50 ppm
Specifications
M = M
Ω
D = ± 0.5 %
K = 100 ppm
table)
R10000 = 0.1
Ω
F = ± 1 %
L = 150 ppm
680K00 = 680 k
Ω
G = ± 2 %
N = 200 ppm
1M0000 = 1.0 M
Ω
J = ± 5 %
New Global Part Numbering: CMF55301R00FKRE (preferred part numbering format)
C
M
F
5
5
3
0
1
R
00F
K
R
E
Historical Part Number example: CMF-553010FT-1 (will continue to be accepted)
6
3
R
1
-
T
F
0
1
0
3
5
5
-
F
M
C
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
TEMP. COEFFICIENT
PACKAGING
Blank = Standard
(Dash Number)
(Up to 3 digits)
From 1 to 999
as applicable
70 = Color banded,
5 bands (
≤ 1 %)
80 = Color banded,
4 bands (
≥ 2 %)
88 = Hot solder dip
SPECIAL
TEMPERATURE
COEFFICIENT (1)
BF = Tin/lead, bulk
RE = Tin/lead, T/R (full)
R6 = Tin/lead, T/R (1000 pieces)
B
D
C
(Max.)
1.500 ± 0.125 (2)
(38.10 ± 3.18)
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com