Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMFNON-MAGNETIC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CMFNON-MAGNETIC
Description  Metal Film Resistors, Non-Magnetic, Industrial, Precision
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMFNON-MAGNETIC Datasheet(HTML) 2 Page - Vishay Siliconix

  CMFNON-MAGNETIC Datasheet HTML 1Page - Vishay Siliconix CMFNON-MAGNETIC Datasheet HTML 2Page - Vishay Siliconix CMFNON-MAGNETIC Datasheet HTML 3Page - Vishay Siliconix CMFNON-MAGNETIC Datasheet HTML 4Page - Vishay Siliconix CMFNON-MAGNETIC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CMF Non-Magnetic
www.vishay.com
Vishay Dale
Revision: 23-Apr-14
2
Document Number: 31091
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• For additional information on packaging, refer to the Through-Hole Resistor Packaging document (www.vishay.com/doc?31544).
(1) Tolerance of ± 0.5 % (D), ± 0.25 % (C), and ± 0.1 % (B) are available only in 50 ppm and 25 ppm temperature coefficients.
DIMENSIONS in inches (millimeters)
Notes
(2) Lead length for product in bulk pack. For product supplied in tape and reel, the actual lead length would be based on the body size, tape
spacing and lead trim.
(3) 0.260" ± 0.020" (6.60 mm ± 0.51 mm) for values > 5 M
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CMF5510K000FKRE143 (preferred part numbering format)
GLOBAL
MODEL
RESISTANCE
VALUE
TOLERANCE
CODE
TEMPERATURE
COEFFICIENT (1)
PACKAGING
SPECIAL
(See
Standard
Electrical
Specifications
table)
R =
K = k
M = M
R10000 = 0.1
680K00 = 680 k
1M0000 = 1.0 M
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
J = ± 5 %
E = 25 ppm
H = 50 ppm
K = 100 ppm
L = 150 ppm
N = 200 ppm
EK = Lead (Pb)-free, bulk
EA = Lead (Pb)-free, T/R (full)
EB = Lead (Pb)-free, T/R (1000 pieces)
143 = Non-magnetic
BF = Tin/lead, bulk
RE = Tin/lead, T/R (full)
R6 = Tin/lead, T/R (1000 pieces)
Historical Part Number Example: CMF-55-1431002FT-1 (will continue to be accepted)
CMF-55-143
1002
F
T-1
R36
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
TEMP. COEFFICIENT
PACKAGING
GLOBAL MODEL
A
B
C
(Max.)
D
CMF07..143
0.240 ± 0.020
(6.10 ± 0.51)
0.090 ± 0.008
(2.29 ± 0.20)
0.290 (7.37)
0.025 ± 0.002
(0.64 ± 0.05)
CMF20..143
0.375 ± 0.040
(9.53 ± 1.02)
0.145 ± 0.015
(3.68 ± 0.38)
0.425 (10.80)
0.032 ± 0.002
(0.81 ± 0.05)
CMF50..143
0.150 ± 0.020
(3.81 ± 0.51)
0.065 ± 0.015
(1.65 ± 0.38)
0.187 (4.75)
0.016 ± 0.002
(0.41 ± 0.05)
CMF55..143
0.240 ± 0.020 (3)
(6.10 ± 0.51)
0.090 ± 0.008
(2.29 ± 0.20)
0.290 (7.37)
0.025 ± 0.002
(0.64 ± 0.05)
CMF60..143
0.344 ± 0.031
(8.74 ± 0.79)
0.145 ± 0.015
(3.68 ± 0.38)
0.425 (10.80)
0.025 ± 0.002
(0.64 ± 0.05)
CMF65..143
0.562 ± 0.031
(14.27 ± 0.79)
0.180 ± 0.015
(4.57 ± 0.38)
0.687 (17.45)
0.025 ± 0.002
(0.64 ± 0.05)
CMF70..143
0.562 ± 0.031
(14.27 ± 0.79)
0.180 ± 0.015
(4.57 ± 0.38)
0.687 (17.45)
0.032 ± 0.002
(0.81 ± 0.05)
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CMF07..143 CMF20..143 CMF50..143 CMF55..143 CMF60..143 CMF65..143 CMF70..143
Maximum Working Voltage
V
 250
 500
 200
 250
 500
 500
 500
Insulation Voltage (1 Min)
Veff
> 500
Voltage Coefficient (Max.)
ppm/V
± 5 (measured between 10 % and full rated voltage)
Dielectric Strength
VAC
450
750
450
450
750
900
900
Insulation Resistance
 1011
Operating Temp. Range
°C
-55 to +175
Terminal Strength (Pull Test)
lb
5522225
Noise
dB
0.10 μV/V over a decade of frequency, with low and intermediate resistance values typically below 0.05 μV/V
Weight (Max.)
g
0.28
0.60
0.12
0.28
0.50
1.00
1.10
B
D
C
(Max.)
1.500 ± 0.125 (2)
(38.10 ± 3.18)
A
F5
K
0
0
F
R
E
1
M
C
00
K
4
1
5
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com