Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPSL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CPSL
Description  Wirewound Resistors, Commercial Power,Four Terminal, Low Value
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPSL Datasheet(HTML) 1 Page - Vishay Siliconix

  CPSL Datasheet HTML 1Page - Vishay Siliconix CPSL Datasheet HTML 2Page - Vishay Siliconix CPSL Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CPSL
www.vishay.com
Vishay Dale
Revision: 22-Dec-11
1
Document Number: 30217
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Commercial Power,
Four Terminal, Low Value
FEATURES
• Low inductance
• Extremely low resistance values
• Current sensing
• Low temperature coefficients
• High power to size ratio
• Ceramic cases are available with circuit board
stand-offs (designated with a -3 model ending)
• Superior surge capability
• Complete welded construction
• Special
inorganic
potting
compound
and
ceramic case provide high thermal conductivity in a
fireproof package
• Compliant to RoHS Directive 2002/95/EC
Notes
* Pb containing terminations are not RoHS compliant, exemptions may apply
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
SCHEMATIC
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P40 °C
W
RESISTANCE RANGE
Ω
TOLERANCE
± %
WEIGHT (typical)
g
CPSL03...5
CPSL-3-5
3
0.01 to 0.10
1, 3, 5, 10
4.0
CPSL03...3
CPSL-3-3
3
0.01 to 0.10
1, 3, 5, 10
4.2
CPSL05...5
CPSL-5-5
5
0.01 to 0.10
1, 3, 5, 10
5.2
CPSL05...3
CPSL-5-3
5
0.01 to 0.10
1, 3, 5, 10
5.4
CPSL07...5
CPSL-7-5
7
0.01 to 0.10
1, 3, 5, 10
7.6
CPSL10...5
CPSL-10-5
10
0.01 to 0.10
1, 3, 5, 10
10.2
CPSL15...5
CPSL-15-5
15
0.01 to 0.10
1, 3, 5, 10
18.9
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CPSL RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 100 maximum
Short Time Overload
-
5 x rated power for 5 s
Maximum Working Voltage
V
(
P x R)1/2
Operating Temperature Range
°C
- 65 to + 275
Terminal Strength
lb
10 minimum
Dielectric Withstanding Voltage
VAC
1000
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: CPSL05R0500JB143
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
CPSL03
CPSL05
CPSL07
CPSL10
CPSL15
R = Decimal
R1000 = 0.10
Ω
F = ± 1.0 %
G = ± 2.0 %
H = ± 3.0 %
J = ± 5.0 %
K = ± 10.0 %
E14 = Lead (Pb)-free bulk
E31 = Lead (Pb)-free four layer bulk
(Dash Number)
(up to 3 digits)
From 1 to 999
as applicable
B14 = Tin/lead bulk
B31 = Tin/lead four layer bulk
Historical Part Numbering example: CPSL-5-3 0.05
Ω 5 % B14
CPSL-5-3
0.05
Ω
5 %
B14
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
Sense
leads
Current
leads
L
0
5
R
500
0
PS
JB
1
C
3
4


Similar Part No. - CPSL

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
CPSL-08P1EN CONTEC-CPSL-08P1EN Datasheet
699Kb / 3P
IO-Link Master Module
More results

Similar Description - CPSL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPCL VISHAY-CPCL Datasheet
100Kb / 2P
Wirewound Resistors, Commercial Power, Vertical Mount
28-Aug-02
CPSM VISHAY-CPSM Datasheet
94Kb / 2P
Wirewound Resistors, Commercial Power, Surface Mount
07-Feb-02
logo
Riedon Powertron
SC-2 RIEDON-SC-2 Datasheet
270Kb / 1P
Four Terminal / Surface Mount Wirewound Resistors
logo
Vishay Siliconix
CPSM VISHAY-CPSM_12 Datasheet
78Kb / 3P
Wirewound Resistors, Commercial Power, Surface Mount
22-Dec-11
logo
Riedon Powertron
SC-2 RIEDON-SC-2_13 Datasheet
170Kb / 1P
Four Terminal / Surface Mount Wirewound Resistors
logo
Vishay Siliconix
CPL VISHAY-CPL Datasheet
108Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead, Low Value
10-May-11
LVR VISHAY-LVR_15 Datasheet
104Kb / 3P
Wirewound Resistors, Precision Power, Low Value, Commercial, Axial Lead
19-Oct-15
SPU VISHAY-SPU Datasheet
76Kb / 3P
Wirewound Resistors, Molded Style, Current Shunts, Very Low Value, Four Terminal
27-Feb-12
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
05-Feb-2020
M49465 VISHAY-M49465 Datasheet
109Kb / 3P
Wirewound Resistors, Precision Power, Low Value, Military,
21-Apr-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com