Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GSR
Description  Metal Film Resistors, Hermetically-Sealed, Precision, Industrial
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSR Datasheet(HTML) 2 Page - Vishay Siliconix

  GSR Datasheet HTML 1Page - Vishay Siliconix GSR Datasheet HTML 2Page - Vishay Siliconix GSR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GSR
www.vishay.com
Vishay Angstrohm
Revision: 19-Nov-12
2
Document Number: 66004
For technical questions, contact: fff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Lead length for product in foil bag pack. For product supplied in tape and reel, the actual lead length would be based on the body size, tape
spacing and lead trim.
DIMENSIONS in inches (millimeters)
MODEL
A
LENGTH
B
DIAMETER
C
CL TO CL
(MAX.)
D
LENGTH
± 0.125 (± 3.18)
E
DIAMETER
± 0.002 (± 0.051)
D
APPROX.
WEIGHT (G)
GSR55
0.280 ± 0.020
(7.11 ± 0.51)
0.110 ± 0.020
(2.79 ± 0.51)
0.379
(9.63)
1.50
(38.10)
0.025
(0.635)
0.337
GSR57
0.310 ± 0.025
(7.87 ± 0.64)
0.150 ± 0.020
(3.81 ± 0.51)
0.467
(11.86)
1.50
(38.10)
0.025
(0.635)
0.405
GSR60
0.425 ± 0.030
(10.80 ± 0.76)
0.150 ± 0.020
(3.81 ± 0.51)
0.530
(13.46)
1.50
(38.10)
0.025
(0.635)
0.450
GSR65
0.640 ± 0.040
(16.26 ± 1.02)
0.240 ± 0.025
(6.10 ± 0.64)
0.780
(19.81)
1.50
(38.10)
0.025
(0.635)
1.300
GSR70
0.640 ± 0.040
(16.26 ± 1.02)
0.240 ± 0.025
(6.10 ± 0.64)
0.780
(19.81)
1.50
(38.10)
0.032
(0.813)
1.440
GSR75
1.062 ± 0.062
(26.98 ± 1.58)
0.250 ± 0.025
(6.35 ± 0.64)
1.186
(30.12)
1.50
(38.10)
0.032
(0.813)
2.500
E
C
A
D
(1)
B
POWER DERATING
120
100
80
60
40
20
0
AMBIENT TEMPERATURE °C
25
50
75
100
125
150
175
125 °C
MARKING
Temperature coefficient: H = 50 ppm, E = 25 ppm, X = 15 ppm
Tolerance: F = 1 %, D = 0.5 %, B = 0.1 %, A = 0.05 %
GSR55, GSR57, GSR60, GSR65, GSR70, GSR75: (4 lines)
GSR-55
Style and size
24.9
Value
FE
Tolerance and TC
1143A
4-digit date code and production lot code



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com