Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HML Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HML
Description  Thick Film Resistors, Industrial, Miniature, Axial-Leaded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HML Datasheet(HTML) 1 Page - Vishay Siliconix

  HML Datasheet HTML 1Page - Vishay Siliconix HML Datasheet HTML 2Page - Vishay Siliconix HML Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HML
www.vishay.com
Vishay Techno
Revision: 18-Nov-13
1
Document Number: 68038
For technical questions, contact: te1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thick Film Resistors, Industrial, Miniature, Axial-Leaded
FEATURES
• Small case size: 0.073" x 0.036"
• Rugged plastic housing
• Non-inductive design
• 100 % pure tin solder coating on nickel
leadwires. Suitable for soldering and welding.
• Operating temperature range: - 55 °C to + 150 °C
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Notes
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less
• Consult factory for extended resistance range
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
POWER RATING
P70 °C
W
MAXIMUM WORKING
VOLTAGE (1)
V
RESISTANCE
RANGE
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
HML01
0.063
50
1 to 9.1
2, 5, 10
300
10 to 22M
1, 2, 5, 10
100, 200, 300
Zero-ohm jumper: Rmax. = 30 m, Imax. = 1.2 A
P x R
DERATING CURVE
120
100
- 25
70
Ambient Temperature in °C
80
60
40
20
0
- 55
0
25
50
75
100
125
150 175
MATERIAL SPECIFICATIONS
Resistive element
Ruthenium oxide
Encapsulation
Plastic shell
Substrate
High purity 96 % alumina
Termination
Solder-coated nickel leadwire
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: HML0110K0FKE05 (preferred part number format)
GLOBAL
MODEL
RESISTANCE
VALUE
TOLERANCE
CODE
TEMPERATURE
COEFFICIENT
PACKAGING
CODE
SPECIAL
(see Standard
Electrical
Specifications
table)
R =
K = k
M = M
9R10 = 9.1
43K2 = 43.2 k
1M20 = 1.2 M
0000 = 0
 Jumper
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
Z = 0
 jumper
K = 100 ppm
N = 200 ppm
M = 300 ppm
S = Special, 0
 jumper
E05 =
Lead (Pb)-free,
lacer
Blank = Standard
(dash number)
(up to 3 digits)
From
1 to 999
as applicable
01
10
0
F
K
K
ML
E
H
0
5


Similar Part No. - HML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HML1213 ETC-HML1213 Datasheet
187Kb / 12P
L2160 ELEMENT LINEARIMAGE SENSOR
logo
Hi-Sincerity Mocroelect...
HML1225 HSMC-HML1225 Datasheet
28Kb / 2P
0.8A 300.380 VOLTAGE SCRS IGT<200uA
logo
Kersemi Electronic Co.,...
HML1225 KERSEMI-HML1225 Datasheet
764Kb / 2P
0.8A 300/380 VOLTAGE SCRS IGT<200uA
logo
Cyntec Co., Ltd.
HMLE25201D-000 CYNTEC-HMLE25201D-000 Datasheet
178Kb / 3P
Power Choke Coil HMLE25201D MSR type
HMLE25201D-2R2MSR CYNTEC-HMLE25201D-2R2MSR Datasheet
178Kb / 3P
Power Choke Coil HMLE25201D MSR type
More results

Similar Description - HML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWP VISHAY-RCWP Datasheet
221Kb / 3P
Thick Film Chip Resistors, Industrial
05-Oct-05
logo
Riedon Powertron
GST1210 RIEDON-GST1210 Datasheet
274Kb / 2P
High Resistance / Thick Film Leaded Resistors
HVR25 RIEDON-HVR25 Datasheet
282Kb / 2P
High Voltage / Thick Film Leaded Resistors
TF2003 RIEDON-TF2003 Datasheet
306Kb / 2P
Thick Film Resistors
GST1210 RIEDON-GST1210_13 Datasheet
171Kb / 2P
High Resistance / Thick Film Leaded Resistors
HVR25 RIEDON-HVR25_13 Datasheet
170Kb / 2P
High Voltage / Thick Film Leaded Resistors
TF2003 RIEDON-TF2003_13 Datasheet
177Kb / 2P
Thick Film Resistors
logo
Vishay Siliconix
RCWPMR VISHAY-RCWPMR Datasheet
97Kb / 4P
Thick Film Chip Resistors, Industrial, Moisture Resistant
21-Feb-14
RCWPNM VISHAY-RCWPNM Datasheet
102Kb / 4P
Thick Film Chip Resistors, Non-Magnetic, Industrial
23-Feb-15
logo
TT Electronics.
F43D TTELEC-F43D Datasheet
385Kb / 3P
Thick Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com