Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS393 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SN74LS393
Description  Dual 4?뭆tage Binary Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS393 Datasheet(HTML) 2 Page - ON Semiconductor

  SN74LS393 Datasheet HTML 1Page - ON Semiconductor SN74LS393 Datasheet HTML 2Page - ON Semiconductor SN74LS393 Datasheet HTML 3Page - ON Semiconductor SN74LS393 Datasheet HTML 4Page - ON Semiconductor SN74LS393 Datasheet HTML 5Page - ON Semiconductor SN74LS393 Datasheet HTML 6Page - ON Semiconductor SN74LS393 Datasheet HTML 7Page - ON Semiconductor SN74LS393 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN74LS393
http://onsemi.com
2
CONNECTION DIAGRAM DIP (TOP VIEW)
Clock (Active LOW Going Edge)
Input to +16 (LS393)
Clock (Active LOW Going Edge)
Input to
÷2 (LS390)
Clock (Active LOW Going Edge)
Input to
÷ 5 (LS390)
Master Reset (Active HIGH) Input
Flip−Flop Outputs
CP
CP0
CP1
MR
Q0 − Q3
0.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
1.0 U.L.
1.0 U.L.
1.5 U.L.
0.25 U.L.
5 U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
mA HIGH/1.6 mA LOW.
HIGH
LOW
(Note a)
LOADING
PIN NAMES
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
14
13
12
11
10
9
12
3456
8
7
VCC
CP
MR
Q0
Q1
Q2
Q3
CP
MR
Q0
Q1
Q2
Q3
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com