Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HMS
Description  Metal Film Resistors, Hermetically-Sealed, Precision, Matched Sets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HMS Datasheet(HTML) 1 Page - Vishay Siliconix

  HMS Datasheet HTML 1Page - Vishay Siliconix HMS Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 66005
44
Revision: 22-Feb-10
HMS
Vishay Angstrohm
Metal Film Resistors,
Hermetically-Sealed, Precision, Matched Sets
MATCHED SETS
Matched sets provide an economical method of achieving a
resistive match in a critical circuit without resorting to
networks. Angstrohm hermetic metal film resistors (two to
twenty or more) are matched to the customers exact
specifications. The matched set is supplied in a single
package.
FEATURES
• Resistance values: 10 Ω to 4.99 MΩ
• Resistance absolute tolerance to ± 0.05 %
• Resistance match to 0.01 %
• Temperature coefficient: ± 15 ppm/°C (- 55 % to + 125 °C)
• Temperature coefficient tracking: 3 ppm/°C


Similar Part No. - HMS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HMS MACOM-HMS Datasheet
86Kb / 2P
HALF SIZE HIGH PERFORMANCE RELAYS
HMS MACOM-HMS Datasheet
101Kb / 3P
HALF SIZE HIGH PERFORMANCE RELAYS
logo
M-System Co.,Ltd.
HMS MSYSTEM-HMS Datasheet
100Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HMS-0-R MSYSTEM-HMS-0-R Datasheet
100Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HMS-0-R/K MSYSTEM-HMS-0-R/K Datasheet
100Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
More results

Similar Description - HMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
Precision Metal Film Resistors
logo
Welwyn Components Limit...
RCP WELWYN-RCP Datasheet
132Kb / 2P
Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
logo
RCD COMPONENTS INC.
HM55EK-1R00-FB RCD-HM55EK-1R00-FB Datasheet
30Kb / 1P
HERMETIC SEALED PRECISION METAL FILM RESISTORS
MF55-R100-FB25 RCD-MF55-R100-FB25 Datasheet
43Kb / 1P
PRECISION METAL FILM RESISTORS
logo
IRC - a TT electronics ...
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
Precision Metal Film Resistors
logo
Vishay Siliconix
GSR VISHAY-GSR Datasheet
77Kb / 3P
Metal Film Resistors, Hermetically-Sealed, Precision, Industrial
19-Nov-12
logo
Riedon Powertron
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
MFP55-20RB1 RIEDON-MFP55-20RB1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
Precision Metal Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com