Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HPS
Description  High Ohmic Value (up to 1.5 G ohm), High Power Resistors (up to 10 W at 25 °C) Thick Film
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HPS Datasheet(HTML) 2 Page - Vishay Siliconix

  HPS Datasheet HTML 1Page - Vishay Siliconix HPS Datasheet HTML 2Page - Vishay Siliconix HPS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HPS
www.vishay.com
Vishay Sfernice
Revision: 01-Aug-13
2
Document Number: 52015
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
STYLE
OHMIC VALUE
TOLERANCE
TEMPERATURE
COEFFICIENT
PACKAGING
SPECIAL
HPS
HPS: 58 to 947
The first three digits are
significant figures and the
last digit specifies the
number of zeros to follow.
R designates decimal point.
1006 = 100 M
5104 = 5.1 M
3303 = 330 k
5005 = 50 M
...
D = 0.5 %
F = 1 %
G = 2 %
J = 5 %
K = 10 %
P = 150 ppm
K = 100 ppm
B15 = Blister
(20 pieces)
B19 = Blister
(30 pieces)
A18 = Ammopack
(400 pieces)
A20 = Ammopack
(500 pieces)
B17 = Blister
(25 pieces)
R10 = Reel
(500 pieces)
As applicable
As applicable
006
85
00
K
B
5
P
S
H
5P1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com