Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HTS
Description  High Ohmic Values (up to 100 G ohm), High Voltage Resistors (up to 50 kV) Thick Film Technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HTS Datasheet(HTML) 2 Page - Vishay Siliconix

  HTS Datasheet HTML 1Page - Vishay Siliconix HTS Datasheet HTML 2Page - Vishay Siliconix HTS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HTS
www.vishay.com
Vishay Sfernice
Revision: 01-Aug-13
2
Document Number: 52014
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
GEKA trade-mark, series, style, nominal resistance (in
), tolerance (in %), letter P for TCR ± 150 ppm/°C, manufacturing date.
Because of lack of space, small styles are marked with ohmic value (in
), tolerance (in %) and letter P.
TECHNICAL SPECIFICATIONS
SERIES AND STYLES
HTS
58
HTS
63
HTS
68
HTS
523
HTS
547
HTS
729
HTS
747
HTS
923
HTS
932
HTS
947
HTS
972
HTS
9100
Power Rating
at + 70 °C
0.25 W
0.5 W
1 W
1 W
1.5 W
2 W
2.5 W
2 W
2.5 W
3 W
4 W
5 W
Ohmic Range
in Relation to
• Temperature
Coefficient
± 150 ppm/°C
• Tolerance
± 0.5 %
200
100 M
1 k
100 M
1 k
100 M
1 k
100 M
1 k
100 M
1 k
100 M
1 k
100 M
1 k
100 M
1 k
100 M
1 k
100 M
1 k
100 M
1 k
100 M
± 1 %
1 k
250 M
1 k
500 M
1 k
500 M
1 k
1 G
1 k
1 G
1 k
1 G
1 k
1 G
1 k
1 G
1 k
1 G
1 k
1 G
1 k
1 G
± 2 %
1 k
200 M
1 k
500 M
1 k
2.5 G
1 k
5 G
1 k
10 G
1 k
10 G
1 k
10 G
1 k
10 G
1 k
10 G
1 k
10 G
1 k
10 G
1 k
10 G
± 5 %
± 10 %
1 k
50 G
1 k
15 G
1 k
30 G
1 k
15 G
1 k
30 G
1 k
50 G
1 k
100 G
1 k
100 G
Limiting Element
Voltage
0.5 kV
1 kV
2 kV
5 kV
15 kV
10 kV
15 kV
8 kV
15 kV
20 kV
30 kV
50 kV
Critical Resistance
1 M
2 M
4 M
25 M
 150 M 50 M 90 M 32 M 90 M 133.3 M 225 M 500 M
ORDERING INFORMATION
HTS
63
1M27
0.5 %
150 ppm/°C
AM500
e1
MODEL
SIZE
OHMIC VALUE
TOLERANCE
TEMPERATURE
COEFFICIENT
P: Standard: ± 150 ppm/°C
PACKAGING
LEAD (Pb)-FREE
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
STYLE
OHMIC VALUE
TOLERANCE
TEMPERATURE
COEFFICIENT
PACKAGING
SPECIAL
HTS
HTS: 58 to 9100
The first three digits are
significant figures and the
last digit specifies the
number of zeros to follow.
R designates decimal point.
5104 = 5.1 M
3303 = 330 k
1276 = 127 M
...
D = 0.5 %
F = 1 %
G = 2 %
J = 5 %
K = 10 %
P = 150 ppm
K = 100 ppm
B15 = Blister
(20 pieces)
B19 = Blister
(30 pieces)
A18 = Ammopack
(400 pieces)
A20 = Ammopack
(500 pieces)
B17 = Blister
(25 pieces)
R10 = Reel
(500 pieces)
As applicable
As applicable
00
631
27
D
A
0
T
S
H
4P2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com