Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC720 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SVC720
Description  FM Receiver Electronic Tuning Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SVC720 Datasheet(HTML) 1 Page - ON Semiconductor

  SVC720 Datasheet HTML 1Page - ON Semiconductor SVC720 Datasheet HTML 2Page - ON Semiconductor SVC720 Datasheet HTML 3Page - ON Semiconductor SVC720 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SVC720
Rev.0 I Page 1 of 4 I www.onsemi.com
Features
•
Twin type with a good linearity of C-V characteristic. Excels in large input characteristic.
•
Small MCPH package permits SVC720-applied sets to be compact and slim.
•
High capacitance ratio (VR=1.0 to 4.0V).
•
Low series resistance.
•
Low voltage drive.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Breakdown Voltage
V(BR)R
IR=10µA16
V
Reverse Current
IR
VR=10V
50
nA
Interterminal Capacitance*1
C1.0V
VR=1.0V, f=1MHz
20.7
27.6
pF
C4.0V
VR=4.0V, f=1MHz
8.2
10.4
pF
Series Resistance
rs
VR=1.0V, f=470MHz
0.3
Ω
Capacitance Ratio
CR
C1.0V / C4.0V
2.0
Matching Tolerance
∆Cm
VR=1.0V, 4.0V, f=1MHz (C max-C min) / C min✕100
3.0
%
Marking : VD
Note)*1 : Capacitance value per each diode.
*2 : Matching Tolerance is valid for the devices in one taping reel.
Ordering number : ENA1230
SVC720
Silicon Diffused Junction Type Varactor Diode
FM Receiver Electronic Tuning
Applications
© 2011, SCILLC. All rights reserved.
Jan-2011, Rev. 0
www.onsemi.com
Publication Order Number:
SVC720/D


Similar Part No. - SVC720

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC720 SANYO-SVC720 Datasheet
87Kb / 4P
Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
More results

Similar Description - SVC720

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC231 SANYO-SVC231 Datasheet
30Kb / 4P
FM Receiver Electronic Tuning Applications
SVC226 SANYO-SVC226 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272 Datasheet
18Kb / 3P
FM Receiver Electronic Tuning Applications
SVC276 SANYO-SVC276 Datasheet
29Kb / 3P
FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230_09 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230_12 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC270 SANYO-SVC270_12 Datasheet
435Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272_12 Datasheet
411Kb / 6P
FM Receiver Electronic Tuning Applications
SVC276 SANYO-SVC276_12 Datasheet
432Kb / 6P
FM Receiver Electronic Tuning Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com