Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TND314S Datasheet(PDF) 2 Page - ON Semiconductor

Part # TND314S
Description  Excellent Power Device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TND314S Datasheet(HTML) 2 Page - ON Semiconductor

  TND314S Datasheet HTML 1Page - ON Semiconductor TND314S Datasheet HTML 2Page - ON Semiconductor TND314S Datasheet HTML 3Page - ON Semiconductor TND314S Datasheet HTML 4Page - ON Semiconductor TND314S Datasheet HTML 5Page - ON Semiconductor TND314S Datasheet HTML 6Page - ON Semiconductor TND314S Datasheet HTML 7Page - ON Semiconductor TND314S Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TND314S
No. A0420-2/8
Recommend Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Operating Supply Voltage
VDD
4.5 to 25
V
Operating Temperature
Topr
--40 to +125
°C
Electrical Characteristics (AC Characteristics) at Ta=25°C, VDD=18V, VIN=5V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Turn-On Rise Time
tr
CL=1000pF
30
45
ns
Turn-Off Fall Time
tf
CL=1000pF
30
45
ns
Delay Time
tD1CL=1000pF
25
40
ns
tD2CL=1000pF
45
60
ns
Electrical Characteristics (DC Characteristics) at Ta=25°C, VDD=4.5 to 25V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Logic “1” Input Voltage
VIH
2.6
V
Logic “0” Input Voltage
VIL
0.8
V
Logic “1” Input Bias Current
IIN+VIN=VDD=25V
40
100
μA
Logic “0” Input Bias Current
IIN--
VIN=0V or VDD
--1
1
μA
High-level Output Voltage
VOH
IO=0A
VDD--0.1
V
Low-level Output Voltage
VOL
IO=0A
0.1
V
VDD Supply Current
Isupp
VDD=10V, VIN=3V, (both inputs)
1.0
4.5
mA
VDD=10V, VIN=0V, (both inputs)
0.2
mA
Output High Short Circuit Pulsed Current
IO+VDD=18V, PW≤10μs, VOUT=0V
1.0
A
Output Low Short Circuit Pulsed Current
IO--
VDD=18V, PW≤10μs, VOUT=18V
1.0
A
Output On Resistance
ROUT
VDD=18V, Iload=10mA, VOUT=“H”
8
12
Ω
VDD=18V, Iload=10mA, VOUT=“L”
6
10
Ω
Switching Time Test Circuit
Ordering Information
Devices
Package
Shipping
memo
TND314S-TL-2H
SOIC8
2,500pcs./reel
Pb Free and Halogen Free
90%
INPUT
INPUT RISE
AND FALL
TIMES=5ns
INVERTING
OUTPUT
90%
90%
10%
10%
10%
+5V
+0.4V
+18V
0V
0.1μF
OUTPUT A
1000pF
1000pF
OUTPUT B
INPUT A
INPUT B
4.7μF
tf
tr
tD1tD2
VDD=18V
TND314S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com