Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C2002 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C2002
Description  N Male to 7 - 16 DIN Male LSZH Jacketed Cable Using SR402FLJ Low PIM Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2002 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C2002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2002 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Frequency 4
Frequency
2.5 GHz
Insertion Loss
0.21 dB/ft [0.69 dB/m]
Power Handling
190 Watts
Frequency 5
Frequency
3 GHz
Insertion Loss
0.229 dB/ft [0.75 dB/m]
Power Handling
170 Watts
Mechanical Specifications
Temperature
Temperature Operating Range
-55 to +125 deg C
Size
.
One Time Minimum Bend Radius
1.5 in [38.1 mm]
Cable
Cable Type
PE-SR402FLJ Low PIM
Cable Inner Conductor
Copper, Silver
Cable Outer Conductor
Copper, Tin
Dielectric Type
PTFE
Jacket Material
PVC LSZH
Jacket Diameter
0.163 in [4.14 mm]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size
3/4 inch
Body Material and Plating
Brass, Silver
Dielectric Type
PTFE
Connector 2
Type
7/16 DIN Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size
1 1/4 inch
Body Material and Plating
Brass, Silver
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE3C2002 REV 1.0
PE3C2002
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: N Male to 7/16 DIN Male LSZH Jacketed Cable Using SR402FLJ Low PIM Coax, RoHS
PE3C2002
N Male to 7/16 DIN Male LSZH Jacketed Cable
Using SR402FLJ Low PIM Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com