Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C2015 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C2015
Description  7 - 16 DIN Male to 7/16 DIN Female LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2015 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C2015 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2015 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2015 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2015 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Mechanical Specifications
Temperature
Temperature Operating Range
-55 to +125 deg C
Size
.
One Time Minimum Bend Radius
5 in [127 mm]
Cable
Cable Type
PE-SR401FLJ Low PIM
Cable Inner Conductor
Copper, Silver
Cable Outer Conductor
Copper, Tin
Dielectric Type
PTFE
Jacket Material
PVC LSZH
Jacket Diameter
0.276 in [7.01 mm]
Connector 1
Type
7/16 DIN Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size
3/4 inch
Body Material and Plating
Brass, Silver
Dielectric Type
PTFE
Connector 2
Type
7/16 DIN Female
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Silver
Body Material and Plating
Brass, Silver
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
PE3C2015 REV 1.0
PE3C2015
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male to 7/16 DIN Female LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM
Coax, RoHS PE3C2015
7/16 DIN Male to 7/16 DIN Female LSZH Jacketed
Low PIM Cable Using SR401FLJ Low PIM Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com