Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB6010 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MB6010
Description  Product Summary Prototyping Kits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MB6010 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MB6010 Datasheet HTML 1Page - Mitel Networks Corporation MB6010 Datasheet HTML 2Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9-159
®
Prototyping Kits
OVERVIEW
In order to support initial design and prototyping
activities involving Mitel components, a number of
ancillary component kits are available. These include
the components which are utilized on the ISDN
EXPRESS family of board level products.
These kits are intended for use in supporting
development activities and are not guaranteed for
use in a production environment. They include all
components required to support the individual Mitel
ST-BUS devices.
Ordering Information
MB6010
T1/MH89760 MAGNETICS KIT
MB6012
DNIC ACCESSORY KIT
MB6013
MT8940 CRYSTAL KIT
MB6016
CEPT/MH89790 MAGNETICS KIT
MB6017
CEPT/MH89790 MAGNETICS KIT
MB6022
MT8941 CRYSTAL KIT
MB6024
DSLIC ACCESSORY KIT (Low L)
Product
Description
Contents of Kit
Application
Notes
Qty
Description
MB6010
T1/MH89760
Magnetics Kit
1
1
1
Input Transformer
Output Transformer
Tuneable Inductor
MH89760
Used in conjunction with MH89761
Tx Equalizer
MB6012
DNIC Accessory Kit
1
1
Transformer
Crystal 10.24 MHz
MT8972
MB6013
MT8940 Crystal Oscillator
Kit
1
1
Crystal Oscillator 12.355 MHz
Crystal Oscillator 16.388 MHz
MT8940
MB6016
CEPT/MH89790 Magnetics
Kit (75
Ω)
1
1
1
Input Transformer
Output Transformer
Tuneable Inductor
MH89790
75
Ω Coaxial Interface
MB6017
CEPT/MH89790
Magnetics Kit (120
Ω)
1
1
1
Input Transformer
Output Transformer
Tuneable Inductor
MH89790 &
MH89791
Used with MH89791 for a 120
Ω
twisted pair interface
MB6022
MT8941 Crystal Oscillator
Kit
1
1
Crystal Oscillator 12.352 MHz
Crystal Oscillator 16.384 MHz
MT8941
MB6024
DSLIC Accessory Kit
(Low L)
1
1
Crystal
Transformers
MT8910
Low inductance
Transformer compatible
August 1993
Product Summary


Similar Part No. - MB6010

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
UL94V-0 PBT impeller & frame
logo
Murata Manufacturing Co...
MB60101BAN MURATA-MB60101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB60101BBN MURATA-MB60101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB60101CAN MURATA-MB60101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB60101CBN MURATA-MB60101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB6010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSC-4XRPM ETC1-RSC-4XRPM Datasheet
103Kb / 7P
Rapid Prototyping Module
logo
Ironwood Electronics.
CA-MLF52C-A-S-01 IRONWOOD-CA-MLF52C-A-S-01 Datasheet
73Kb / 1P
BGA Prototyping Adaptor
logo
International Rectifier
IR2101STRPBF IRF-IR2101STRPBF Datasheet
144Kb / 14P
HIGH AND LOW SIDE DRIVER Product Summary
logo
Texas Instruments
PAN1323EMK TI1-PAN1323EMK Datasheet
66Kb / 5P
CC256x-PAN13xx Bluetooth짰 Kits Summary
logo
List of Unclassifed Man...
P1013NXN2LFB ETC2-P1013NXN2LFB Datasheet
75Kb / 1P
Product Summary Page
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG2R2AD-W TAIYO-YUDEN-EMK042CG2R2AD-W Datasheet
287Kb / 2P
Item Summary
JMK021BJ472KK-W TAIYO-YUDEN-JMK021BJ472KK-W Datasheet
289Kb / 2P
Item Summary
logo
Maxim Integrated Produc...
MAX2660EVKIT MAXIM-MAX2660EVKIT Datasheet
98Kb / 6P
Easy Evaluation of All Product Functions Evaluation Kits
Rev 1; 9/99
logo
NXP Semiconductors
MC68HC908EY16 NXP-MC68HC908EY16 Datasheet
391Kb / 12P
Semiconductor Products Sector Product Summary Rev 1.0
Rev 1.0
logo
Guangdong Youtai Semico...
BSO615NG UMW-BSO615NG Datasheet
313Kb / 8P
PRODUCT SUMMARY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com