Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # ACE9050
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 13Page - Mitel Networks Corporation ACE9050 Datasheet HTML 14Page - Mitel Networks Corporation ACE9050 Datasheet HTML 15Page - Mitel Networks Corporation ACE9050 Datasheet HTML 16Page - Mitel Networks Corporation ACE9050 Datasheet HTML 17Page - Mitel Networks Corporation ACE9050 Datasheet HTML 18Page - Mitel Networks Corporation ACE9050 Datasheet HTML 19Page - Mitel Networks Corporation ACE9050 Datasheet HTML 20Page - Mitel Networks Corporation ACE9050 Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
ACE9030
17
The ADC data in the five registers is read in response to
a Normal command, with the two results to be output being
selected by two bits of DATA3:
DATA1
DATA2
DATA3
xxxxxxxx
01xxxxxx
xxxxxxY
1Y0
where Y
1 Y0 are decoded to select:
Y
1
Y
0
Data requested
0
0
ADC5 & ADC1
0
1
ADC5 & ADC2A/B
1
0
ADC5 & ADC3A/B
1
1
ADC5 & ADC4
The requested data is then clocked out after a fixed delay,
with a preamble followed by the two results:
PREAMBLE
RESULT 1
RESULT 2
1010 Y
1 Y0 0 L
RRRRRRRR
RRRRRRRR
The Y
1 Y0 code is output to confirm the data selection and
is the same as in the Normal command that requested the
data, detailed above, L is the Lock Detect status from the Lock
Detect Filter, and the two results are in the order ADC5 in
RESULT 1 and ADC1, 2, 3, or 4 in RESULT 2.
The level in the ADC1 register is continuously compared
with a threshold number such that if ADC1 is above this
threshold the output pin RXCD is driven HIGH and can be
used to indicate the presence of a received carrier. The
threshold is set by a Normal command on the bus, with the
value in DATA1:
IREF Bias Circuit
To set the operating current for several blocks in the Radio
Interface there is a bias pin I
REF which should be connected to
the ground plane (V
SS pins) via a resistor whose value de-
pends on the supply voltage, 68 or 100 k
Ω for 3·75 V or 4·85 V
nominal V
DD. The current into this pin is then mirrored to the
various functional blocks. To reduce the noise on this bias a
capacitor can be added from the IREF pin preferably to the
supply or alternatively to a good ground. A value of 82 nF
offers a good compromise between noise rejection and
power-up time.
D to A Converters
There are three 8-bit DAC’s with buffered outputs in the
ACE9030.
DAC1 and DAC2 have a high zero offset, a nominally
15 k
Ω output series resistor, and are stable when driving up to
a 100 nF load capacitance.
DAC3 has a low zero offset and no output resistor. In
order to guarantee stability the capacitance of the load on
DAC3 must be no more than 30 pF.
The output resistors on DAC1 and DAC2 are used to form
part of a low pass filter and these DAC’s are intended to be
used to adjust the crystal frequency as given below under
Crystal Oscillator.
DATA1
DATA2
DATA3
DDDDDDDD
01xxxx D
1 x
xxxx D
3 D2 xx
DATA1
DATA2
DATA3
xxxxxxxx
01xx D
3 xxx
xxxxxxxx
The level for each DAC is set by a Normal command:
where the data in DATA1 is loaded into DAC1 if DATA3 bit D
3
is HIGH, into DAC2 if DATA3 bit D
2 is HIGH, or into DAC3 if
DATA2 bit D
1 is HIGH.
DAC1 and DAC2 remain active during Sleep mode but the
outputs are driven with reduced current capability; this will
slightly reduce the accuracy and will significantly increase the
settling time to any level change. DAC3 is powered down in
Sleep mode.
To power down DAC3 outside of Sleep mode, a Normal
command may be used:
where DAC3 is active if DATA2 bit D
3 is HIGH or powered
down if DATA2 bit D
3 is LOW.
L.F. Amplifiers
Two identical low frequency amplifiers are provided; one
has inputs AMPP1 and AMPN1 driving output AMPO1, the
other has inputs AMPP2 and AMPN2 driving output AMPO2.
A typical use for AMP1 is as a linear amplifier to buffer the
DAC3 output to drive the transmit power control in a software
controlled loop with a power sensor input to ADC5.
AMP2 is typically used as a comparator to detect transmit
power independent of the software as a system integrity
check. The System Controller can then gate the presence of
transmitter power on AMPO2 with the absence of received
carrier on RXCD to detect a non-valid status and re-initialise
the system.
Crystal Oscillator
A crystal oscillator maintaining circuit is provided on pins
CIN1 and CIN2 for use with a crystal at 12·8, 14·85 or
15·36 MHz depending on the cellular system chosen. The
circuit is designed for a crystal cut for a 20 pF load and with an
ESR less than 25
Ω. To ensure reliable fast start times for this
oscillator the bias current is increased significantly for the first
2047 cycles of oscillation after power-up, a restart command
or after an oscillator ON command and then automatically
changes to the lower normal level. The normal level has been
chosen to still guarantee start-up if the circuit should be
stopped by some external interference but to consume less
power than the fast start mode.
The buffered internal output of this oscillator is used in
several sections of the chip and is referred to as XO in this data
sheet. This oscillator can be trimmed by using DAC1 and
DAC2 to control varicap diodes and so to pull the frequency,
the two DAC’s may be used to give separate AFC and
temperature compensation. A typical external circuit is shown
in figure 14. Each DAC provides typically 30ppm tuning range.
If preferred, an external oscillator can be used by driving
into CIN1 with CIN2 left open circuit. To allow this external
drive the internal oscillator should be shut down by using a
Set-up command with DATA3 bit D
7 at LOW. The internal
oscillator is switched on at power-up, at restart, and by a Set-
up command with DATA3 bit D
7 at HIGH:
DATA1
DATA2
DATA3
DDDDDDDD
01xxxxxx
xxx1xxxx
DATA1
DATA2
DATA3
xxxxxxxx
10xxxxxx
D
7 xxxxx00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com