Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF431ST Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MF431ST
Description  Datacom, Telecom, General Purpose LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MF431ST Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MF431ST Datasheet HTML 1Page - Mitel Networks Corporation MF431ST Datasheet HTML 2Page - Mitel Networks Corporation MF431ST Datasheet HTML 3Page - Mitel Networks Corporation MF431ST Datasheet HTML 4Page - Mitel Networks Corporation MF431ST Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
12
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
0
20
40
60
80
100
%
0
20
40
60
80
100
µm
r - RADIAL DISPLACEMENT OF FIBER
r
z = opt.
Øc = 62.5 µm
z
0
20
40
60
80
100
%
0
40
80
120
160
200 mA
FORWARD CURRENT
50% DUTY CYCLE
DC
HEAT SINKED
mW
300
200
100
0
0
50
100
150
°C
ON PC BOARD
OPERATING TEMPERATURE
INFINITE
HEAT SINK
0
20
40
60
80
100
%
0.5
1.0
1.5
2.0
2.5
3.0 mm
z - AXIAL DISPLACEMENT OF FIBER
r
r = opt.
Øc = 62.5 µm
z
FORWARD VOLTAGE
mA
200
100
0
0
1
2
3
V
MF431 Datacom, Telecom, General Purpose LED



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com