Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF432SC Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MF432SC
Description  Datacom, Telecom, General Purpose PIN Photodiodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MF432SC Datasheet(HTML) 6 Page - Mitel Networks Corporation

  MF432SC Datasheet HTML 1Page - Mitel Networks Corporation MF432SC Datasheet HTML 2Page - Mitel Networks Corporation MF432SC Datasheet HTML 3Page - Mitel Networks Corporation MF432SC Datasheet HTML 4Page - Mitel Networks Corporation MF432SC Datasheet HTML 5Page - Mitel Networks Corporation MF432SC Datasheet HTML 6Page - Mitel Networks Corporation MF432SC Datasheet HTML 7Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
19
A typical Fiber Optic Receiver Circuit interfacing the PIN Photodiode
to a Philips NE52121 transimpedance amplifier (140MHz) and to
the Philips NE5211 FDDI Fiber Optic Postamplifier. This design is
capable of operating at 125Mbps with single +5 or -5.2V supply
with differential output impedance of 100k.
Typical Receiver Circuit
MF432 SC Clip
MF432 Pigtail Clip
ST Packaging Hardware
SC Connector
on MF432 Pigtail
3.3000
5.6000
80,000
10,2500
R 1.00
0.5000
10.3000
20.8200
4.9500
0.5000
4.5000
5.0800
3.6450
2.2 - 3.2
60 (max)
7.4 - 7.5
2.0 - 2.2
9.0 - 9.1
10.25
0.50
10.30
10.70
4.50
3.65
5.08
0.85
0.50
4.95
9.53
12.70
1.65
0.46
10.41
14.27
HEX-NUT
WASHER
3/8 - 32 UNEF
2B THREAD
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
LED
220
Ω
100pF
10
µH
10
µH
10
µF
.01
µF
10
µF
.01
µF
47k
Ω
NE5212A
VOUT(TTL)
5.1k
Ω
0.1
µF
100pF
5
6
7
8
1
2
3
4
NE5214
47
µF
.01
µF
VCC
GND
10
µH
100
Ω
10
µF
.01
µF
1
µF
.01
µF
PIN
OPTICAL INPUT
MF432
Datacom, Telecom, General Purpose PIN Photodiodes
MF432



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com