Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH88422-3 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MH88422-3
Description  Data Access Arrangement Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88422-3 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MH88422-3 Datasheet HTML 1Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 2Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 3Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 4Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 5Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 6Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 7Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 8Page - Mitel Networks Corporation MH88422-3 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MH88422
Preliminary Information
2-14
Figure 2 - Pin Connections
Notes:
1. Variant 1, 4 BD-1 - pins 10,12, & 21 are cropped short. Pin 23 is not fitted.
2. Variant 2 - pin 23 is cropped short. Pins 10, 12 & 21 are not fitted.
3. Variant 3 - pins 12 and 21 are cropped short. Pins 10 and 23 are not fitted.
Pin Description
Pin #
Name
Description
1
VDD
Positive Supply Voltage. +5V.
2, 4, 6,
8, 9
IC
Internal Connection. This pin is cropped short.
3
AGND
Analog Ground. 4-Wire Ground. Normally connected to System Ground.
5
LC
Loop Control (Input). A logic 0 activates internal circuitry which provides a line
termination across Tip and Ring. Used for seizing the line and dial pulsing.
7
RVLC
Ringing Voltage and Current Detect (Output). Indicates the status of loop current
and ringing voltage.
10, 12
IC/NP
Internal Connection or No Pin Fitted. This pin is either cropped short or not fitted,
depending on the variant. See Note 1
11
VX
Transmit (Output). Analog output to modem/fax chip set.
13
VR
Receive (Input). Analog input to modem/fax chip set.
14, 17
IC
Internal Connection. This pin is cropped short.
15, 19
NP
No Pin Fitted.
16
RING
Ring Lead. Connects to the "Ring" lead of a telephone line.
18
TXIN
Dummy Ringer Connection. Connects to the "Ring" lead of a telephone line through a
dummy ringer capacitor.
20
TF
Tip Feed. Connects externally to the RLS pin.
21, 23
IC/NP
Internal Connection or No Pin Fitted. This pin is either cropped short or not fitted,
depending on the variant. See Note 1
24
RLS
Ringing Loop Sense. Connects externally to the TF pin.
25
IC
Internal Connection. This pin is cropped short.
26
TIP
Tip Lead. Connects to the "Tip" lead of a telephone line.
VDD
IC
AGND
IC
LC
IC
RVLC
IC
IC/NP
VX
IC/NP
IC
1
2
3
4
5
6
7
8
9
10
11
12
15
16
17
18
26
25
24
23
22
21
20
19
13
14
VR
TIP
IC
RLS
IC/NP
IC
IC/NP
TF
NP
IC
RING
NP
TXIN
IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com