Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LNS
Description  Low Value (0.03 ohm to 10 ohm) Thin Film Resistor, Surface Mount Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LNS Datasheet(HTML) 2 Page - Vishay Siliconix

  LNS Datasheet HTML 1Page - Vishay Siliconix LNS Datasheet HTML 2Page - Vishay Siliconix LNS Datasheet HTML 3Page - Vishay Siliconix LNS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L-NS
www.vishay.com
Vishay Dale Thin Film
Revision: 13-Mar-15
2
Document Number: 60027
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) 0705 and 0805 are the same (only use 0805 when ordering)
Notes
(1) 0.01
 additional allowed for measurement error
(2) Testing conducted at 2.0 x working voltage on 2512 case size all
other 2.5 x
DIMENSIONS in inches and millimeters
CASE SIZE
SIZE
LW
T
D
INCHES
MILLIMETERS INCHES MILLIMETERS
INCHES
MILLIMETERS
INCHES
MILLIMETERS
+ 0.010/- 0.005
+ 0.25/- 0.13
± 0.005
± 0.13
MAX.
+ 0.010/- 0.005
+ 0.25/- 0.13
0505
0.050
1.27
0.050
1.27
0.020
0.51
0.016
0.41
0508
0.047
1.19
0.081
2.06
0.020
0.51
0.015
0.38
0603
0.064
1.65
0.032
0.81
0.020
0.51
0.012
0.30
0612
0.063
1.60
0.126
3.20
0.020
0.51
0.015
0.38
0705, 0805 (1)
0.075
1.91
0.050
1.27
0.020
0.51
0.021
0.53
1005
0.100
2.54
0.050
1.27
0.030
0.76
0.021
0.53
1020
0.100
2.54
0.200
5.08
0.030
0.76
0.015
0.38
1206
0.126
3.20
0.063
1.60
0.030
0.76
0.020
0.51
1225
0.126
3.20
0.252
5.59
0.020
0.51
0.020
0.51
1505
0.150
3.81
0.050
1.27
0.030
0.76
0.021
0.53
2010
0.200
5.08
0.100
2.54
0.030
0.76
0.019
0.48
2512
0.250
6.35
0.125
3.18
0.030
0.76
0.019
0.48
D
W
L
T
MECHANICAL SPECIFICATIONS
Resistive Element
Nickel alloy
Substrate Material
Alumina
Terminals
Pre-soldered or gold
Lead (Pb)-free Option
96.5 % Sn, 3.0 % Ag, 0.5 % Cu
Tin/Lead Option
Sn63
Lead (Pb)-free Finish and Tin/Lead
Hot solder dip
ENVIRONMENTAL TESTS
ENVIRONMENTAL TEST
LIMITS (1)
R ± %
TYPICAL
1
 R ± %
STO (2)
0.5
- 0.19
LTO
0.1
- 0.03
RSH
0.5
- 0.14
Moisture
0.5
0.07
HTE
1.0
0.02
Load Life (2000 h at +70 °C)
0.5
0.20
TCR (ppm)
± 300
+ 150
DERATING CURVE
Ambient Temperature °C
070
125
155
0
20
40
60
80
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com