Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH88437AS-PI Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MH88437AS-PI
Description  Data Access Arrangement Advance Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88437AS-PI Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MH88437AS-PI Datasheet HTML 8Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 9Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 10Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 11Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 12Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 13Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 14Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 15Page - Mitel Networks Corporation MH88437AS-PI Datasheet HTML 16Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Advance Information
MH88437-P
13
Figure 10 - Test Circuit 5
Figure 11 - Test Circuit 6
100uF
Vs = 0.5V
300
Ω
300
Ω
-V
10H 500
Ω
I=20mA
+
+
100uF
Long. to Met. Balance = 20 * Log (V1 / Vs)
V1
10H 500
Ω
DUT
3
4
5
25
VX
AGND
RV
VR+
VR-
TIP
NB1
RING
24
23
22
21
82K
VLOOP1
LC
5V
1K
VLOOP5
VLOOP4
VLOOP3
VLOOP2
VCC ZA
NB2
10uF
VBIAS
10
27
2
28
1
16K
616
8
7
9
4.7K
5V
LOOP
RS
LCD
11
13
15
CMR = 20 * Log (VX / Vs)
+
= Ground (Earth)
-V
10H 500
Ω
I=20mA
300
Ω
300
Ω
V1
Vs
100uF
+
100uF
+
Met. to Long. Balance = 20 * Log (V1 / Vs)
10H 500
Ω
510
Ω
DUT
3
4
5
25
VX
AGND
RV
VR+
VR-
TIP
NB1
RING
24
23
22
21
82K
VLOOP1
LC
5V
1K
VLOOP5
VLOOP4
VLOOP3
VLOOP2
VCC ZA
NB2
10uF
VBIAS
10
27
2
28
1
16K
616
8
7
9
4.7K
5V
LOOP
RS
LCD
11
13
15
+
= Ground (Earth)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com