Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LR
Description  Lead (Pb)-Free Thick Film, Wraparound Low Value Resistor (R = 0.25 ohm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LR Datasheet(HTML) 2 Page - Vishay Siliconix

  LR Datasheet HTML 1Page - Vishay Siliconix LR Datasheet HTML 2Page - Vishay Siliconix LR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LR
www.vishay.com
Vishay Dale Thin Film
Revision: 24-Jul-13
2
Document Number: 20055
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
CASE SIZE
L
W
H
T1
T2
2512
0.248 ± 0.008
(6.3 ± 0.2)
0.124 ± 0.006
(3.15 ± 0.15)
0.024 ± 0.004
(0.6 ± 0.1)
0.024 ± 0.008
(0.6 ± 0.2)
0.024 ± 0.008
(0.6 ± 0.2)
PART NUMBER AND PRODUCT DESCRIPTION
New Global Part Numbering: LR-2512MR250FSTS
GLOBAL MODEL
CASE SIZE
TCR
OHMIC VALUE
TOLERANCE
TERMINATION
PACKAGING
LR = Low value
wraparound chip
resistor
2512
M =
± 300 ppm/°C
R250
F = ± 1.0 %
S = Lead (Pb)-free
(e3)
Tape and reel
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel 2000
TS = 100 min., 1 mult
Example: LR2512MR250FSTS is a 2512 case size wraparound chip resistor 0.25
, 1 % tolerance , with lead (Pb)-free terminations
L
R
2
5
1
2
M
R
2
5
0
F
S
T
S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com