Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MID Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MID
Description  Thin Film Microwave Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MID Datasheet(HTML) 2 Page - Vishay Siliconix

  MID Datasheet HTML 1Page - Vishay Siliconix MID Datasheet HTML 2Page - Vishay Siliconix MID Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MID
www.vishay.com
Vishay Electro-Films
Revision: 18-Apr-13
2
Document Number: 61076
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
SCHEMATIC
MECHANICAL SPECIFICATIONS
PARAMETER
Chip Size
0.050" x 0.050" ± 0.003" (1.27 mm x 1.27 mm ± 0.076 mm)
Chip Thickness
0.010" ± 0.002" (0.254 mm ± 0.05 mm)
Chip Substrate Material
99.6 % alumina, 2 μ" to 4 μ" finish
Resistor Material
Tantalum nitride, self-passivating
Bonding Pad Size
0.010" x 0.044" (0.254 mm x 1.11 mm)
Number of Pads
2
Pad Material
25 kÅ minimum gold standard
Backing
None
GLOBAL PART NUMBER INFORMATION
Global Part Number: MID5000AFCSGGKWS
Global Part Number Description: MID 500 1 %, 50 ppm/°C, standard, Au, Au, K, WS
MODEL
RESISTANCE
RESISTANCE
MULTILPLIER
CODE
TOL.
CODE
(%)
TCR
(ppm/°C)
TRIM
STYLE
TERMINATION
BACK
METAL
VISUAL
CLASS
PACKAGING
CODE
MID
50 x 50
size
microwave
resistor
TaN on
alumina
First 4
digits are
significant
figures of
resistance
C = 0.001
B = 0.01
A = 0.1
0 = 1
1 = 10
2 = 100
F = 1.0
G = 2.0
J = 5.0
K = 10
M = 20
E = ± 25
C = ± 50
K = ± 100
L = ± 200
M =
Microwave
S =
Standard
G = Au
S = SnPb
A = Al
T =
Lead (Pb)-free
(e1)
G = Au
N = None
H =
Class H
K =
Class K
WS =
Waffle pack
100 min,
1 mult
0.050
0.044
0.010
0.044
TYPICAL RANGE
18
Ω to 100 kΩ
0.050
0.050
0.016
0.044
TYPICAL RANGE
8
Ω to 17 Ω
0.050
0.050
0.044
TYPICAL RANGE
2
Ω to 7.9 Ω
0.050
00
A
F
S
G
G
C
5
KW
D
MI
0
S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com