Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MIF
Description  Thin Film Microwave Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MIF Datasheet(HTML) 2 Page - Vishay Siliconix

  MIF Datasheet HTML 1Page - Vishay Siliconix MIF Datasheet HTML 2Page - Vishay Siliconix MIF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MIF
www.vishay.com
Vishay Electro-Films
Revision: 02-May-13
2
Document Number: 61038
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
SCHEMATIC
0.016
0.020
0.012
0.005
MECHANICAL SPECIFICATIONS
PARAMETER
Chip Size
0.016" x 0.020" ± 0.003" (0.40 mm x 0.5 mm ± 0.076 mm)
Chip Thickness
0.010" ± 0.001" (0.25 mm ± 0.025 mm)
Chip Substrate Material
99.6 % alumina, 2 μ" to 4 μ" finish
Resistor Material
Tantalum nitride, self-passivating
Bonding Pad Size
0.005" x 0.012" (0.125 mm x 0.30 mm)
Number of Pads
2
Pad Material
25 kÅ minimum gold standard
Backing
None
GLOBAL PART NUMBER INFORMATION
Global Part Number: MIF5000BKKMGNHWS
Global Part Number Description: MIF 50 10 %, 100 ppm/°C, Mic trim, Au term, no back metal, class H, WS
MODEL
RESISTANCE
RESISTANCE
MULTILPLIER
CODE
TOL.
CODE
(%)
TCR
(ppm/°C)
TRIM
STYLE
TERMINATION
BACK
METAL
VISUAL
CLASS
PACKAGING
CODE
MIF
20 x 16
size
microwave
resistor
TaN on
alumina
First 4
digits are
significant
figures of
resistance
B = 0.01
A = 0.1
0 = 1
F = 1.0
G = 2.0
H = 2.5
J = 5.0
K = 10
M = 20
K = ± 100
L = ± 200
R = 0/- 250
M =
Microwave
S =
Standard
G = Au
G = Au
N = None
H =
Class H
K =
Class K
WS =
Waffle pack
100 min,
1 mult
00
B
K
M
G
N
K
5
HW
F
MI
0
S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com