Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MRA
Description  Wirewound Resistors, Non-Magnetic,Non-Inductive, Axial Lead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MRA Datasheet(HTML) 2 Page - Vishay Siliconix

  MRA Datasheet HTML 1Page - Vishay Siliconix MRA Datasheet HTML 2Page - Vishay Siliconix MRA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MRA
www.vishay.com
Vishay Mills
Revision: 02-May-12
2
Document Number: 31801
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
MATERIAL SPECIFICATIONS
Element: Copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: Ceramic: Alumina
Coating: Special high temperature silicone
Standard Terminals: Tinned copper
End Caps: Copper alloy
Part Marking: MILLS, model, value, tolerance, date code
DERATING
MODEL
DIMENSIONS in inches [millimeters]
L
± 0.062 [1.57]
L1 Max.
D
± 0.031 [0.79]
LD
± 0.002 [0.051]
MRA-05
0.562 [14.27]
0.650 [16.51]
0.167 [4.24]
0.032 [0.813]
MRA-10
0.875 [22.22]
0.975 [24.76]
0.312 [7.92]
0.040 [1.016]
MRA-12
1.188 [30.18]
1.280 [32.51]
0.312 [7.92]
0.040 [1.016]
1.50 [38.10]
min.
L
D
LD
L1
AMBIENT TEMPERATURE IN °C
120
100
80
60
40
20
0
25
- 65
- 50
250
50
350
0
150
Characteristic U
Characteristic V
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
(CHARACTERISTIC U)
(CHARACTERISTIC V)
Dielectric Withstanding
Voltage
1000 VRMS, 1 min
± (0.1 % + 0.05
) R
± (0.1 % + 0.05
) R
High Frequency
Vibration
Frequency varied 10 Hz to 2000 Hz, 20 g peak,
2 directions 6 h each
± (0.1 % + 0.05
) R
± (0.2 % + 0.05
) R
High Temperature
Exposure
250 h at + 250 °C for U Characteristic,
+ 350 °C for V Characteristic
± (0.5 % + 0.05
) R
± (4.0 % + 0.05
) R
Load Life
2000 h at rated power, + 25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (0.5 % + 0.05
) R
± (3.0 % + 0.05
) R
Low Temperature
Storage
- 65 °C for 24 h
± (0.2 % + 0.05
) R
± (2.0 % + 0.05
) R
Moisture Resistance
MIL-STD 202 Method 106
± (0.2 % + 0.05
) R
± (2.0 % + 0.05
) R
Shock, Specified Pulse
MIL-STD 202 Method 213, 100 g’s for 6 ms, 10 shocks
± (0.1 % + 0.05
) R
± (0.2 % + 0.05
) R
Thermal Shock
Rated power applied until thermally stable,
then 15 min at - 55 °C
± (0.2 % + 0.05
) R
± (2.0 % + 0.05
) R
Short Time Overload
5 x rated power (5 W smaller),
10 x rated power (7 W and larger) for 5 s
± (0.2 % + 0.05
) R
± (2.0 % + 0.05
) R
Terminal Strength
5 s to 10 s 10 pound pull test;
torsion test - 3 alternating directions, 360 ° each
± (0.1 % + 0.05
) R
± (1.0 % + 0.05
) R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com